Electronic Components Datasheet Search
  English  ▼

X  

FDA802B-VYY Datasheet(PDF) 5 Page - STMicroelectronics

Part # FDA802B-VYY
Description  2x150 W/1x300 W class D digital input automotive power amplifier with load value recognition and low voltage operation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802B-VYY Datasheet(HTML) 5 Page - STMicroelectronics

  FDA802B-VYY Datasheet HTML 1Page - STMicroelectronics FDA802B-VYY Datasheet HTML 2Page - STMicroelectronics FDA802B-VYY Datasheet HTML 3Page - STMicroelectronics FDA802B-VYY Datasheet HTML 4Page - STMicroelectronics FDA802B-VYY Datasheet HTML 5Page - STMicroelectronics FDA802B-VYY Datasheet HTML 6Page - STMicroelectronics FDA802B-VYY Datasheet HTML 7Page - STMicroelectronics FDA802B-VYY Datasheet HTML 8Page - STMicroelectronics FDA802B-VYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID030735 Rev 2
5/12
FDA802B
Block and pins description diagrams
12
2.1
Pins description
Figure 2. Pins connection diagram
Table 2. Pins list description
N#
Pin
Function
1
FB1+
Channel 1, half bridge plus, Feedback
2
OUT1+
Channel 1, half bridge plus, Output
3
OUT1+
Channel 1, half bridge plus, Output
4
VCC1+
Channel 1, half bridge plus, Boosted Power Supply
5
VCC1-
Channel 1, half bridge minus, Boosted Power Supply
6
OUT1-
Channel 1, half bridge minus, Output
7
OUT1-
Channel 1, half bridge minus, Output
8
FB1-
Channel 1, half bridge minus, Feedback
9
GND1-
Channel 1, half bridge minus, Power Ground
10-13,
16-17, 19,
30-34,
36-39
N.C.
Not connected
14
Vbattery
Main battery voltage (14V)
15
Vbattery
Main battery voltage (14V)
18
Enable4
Chip Enable 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com