Electronic Components Datasheet Search
  English  ▼

X  

FDA802S-VYY Datasheet(PDF) 6 Page - STMicroelectronics

Part # FDA802S-VYY
Description  2 channels class-D digital input automotive power amplifier with I2C diagnostics and low voltage operation for car radio applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA802S-VYY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FDA802S-VYY Datasheet HTML 2Page - STMicroelectronics FDA802S-VYY Datasheet HTML 3Page - STMicroelectronics FDA802S-VYY Datasheet HTML 4Page - STMicroelectronics FDA802S-VYY Datasheet HTML 5Page - STMicroelectronics FDA802S-VYY Datasheet HTML 6Page - STMicroelectronics FDA802S-VYY Datasheet HTML 7Page - STMicroelectronics FDA802S-VYY Datasheet HTML 8Page - STMicroelectronics FDA802S-VYY Datasheet HTML 9Page - STMicroelectronics FDA802S-VYY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2
Application diagram
Figure 3. Application diagram
4.7µF
VCC
FB1+
1
OUT1+
2
OUT1+
3
VCC1+
4
VCC1-
5
OUT1-
6
OUT1-
7
FB1-
8
GND1-
9
N.C.
10
N.C.
11
N.C.
12
N.C.
13
Vbat
14
Vbat
15
N.C.
16
N.C.
17
N.C.
19
N.C.
30
N.C.
31
N.C.
32
N.C.
33
N.C.
34
Vbat
35
N.C.
36
N.C.
37
N.C.
38
N.C.
39
GND2-
40
FB2-
41
OUT2-
42
OUT2-
43
VCC2-
44
VCC2+
45
OUT2+
46
OUT2+
47
FB2+
48
GND2+
50
GND1+ 64
FDA802
VBat
4.7µF 100V
VBat
VCC
VCC
3.3µF
C4
33Ω
R23
CH2+
CH2-
C2+
TP13
C2-
TP17
3.3µF
C13
33Ω
R4
330nF
C7
330nF
C19
500Ω
R20
500Ω
R6
10µH
L3
10µH
L1
VCC
10Ω
R11
470pF
C11
470pF
C17
10Ω
R16
4.7µF 100V
C24
10nF
C26
470nF
C37
1µF
C65
2.2µF
C36
10nF
C66
10pF
C71
10nF
C39
C38
33Ω
R13
CH1+
CH1-
330nF
C16
33Ω
R27
3.3µF
C5
3.3µF
C14
330nF
C6
10µH
L2
10µH
L4
10Ω
R17
10Ω
R10
U1
500Ω
R7
500Ω
R19
470pF
C15
470pF
C10
10nF
C43
2.2µF
C8
10nF
C45
470µF63V
C52
10nF
C43
2.2µF
C8
10nF
C45
470µF63V
C52
10nF
C55
10nF
C58
2.2µF
C20
470µF63V
C18
VCC
1µF
C63
10nF
C70
10nF
C1
4.7µF
C2
220pF
C3
C25
10nF
C12
FDA802S
FDA802S
Application diagram
DB4552 - Rev 1
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com