Electronic Components Datasheet Search
  English  ▼

X  

FDA803Q Datasheet(PDF) 10 Page - STMicroelectronics

Part # FDA803Q
Description  1 channel class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803Q Datasheet(HTML) 10 Page - STMicroelectronics

Back Button FDA803Q Datasheet HTML 6Page - STMicroelectronics FDA803Q Datasheet HTML 7Page - STMicroelectronics FDA803Q Datasheet HTML 8Page - STMicroelectronics FDA803Q Datasheet HTML 9Page - STMicroelectronics FDA803Q Datasheet HTML 10Page - STMicroelectronics FDA803Q Datasheet HTML 11Page - STMicroelectronics FDA803Q Datasheet HTML 12Page - STMicroelectronics FDA803Q Datasheet HTML 13Page - STMicroelectronics FDA803Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application diagram
FDA803Q
10/16
DB4487 Rev 1
4
Application diagram
Figure 3. Application diagram
I2C_SCL
I2S_SCL
I2S_WS
I2C_SDA
C4
4.7nF
4.7uF
10nF
GND
CH1+
C13
4.7uF
C11
100pF
C12
10nF
100pF
GND
CH1-
VCC
VCC
GND
VCC
VCC
EN1
EN2
EN3
EN4
HWMUTE
R2 10R
C7
330pF
GND
R4 10R
C14
330pF
GND
I2S_DataIn
SyncOut
CDDIAG
C10
100nF
C8
470uF
C9
1uF
OUTP
1
NC
2
VCCP
3
VCCP
4
GNDP
5
GNDP
6
GNDM
7
GNDM
8
VCCM
9
VCCM
10
NC
11
OUTM
12
D1V8SVR
25
DGSVR
26
NC
27
NC
28
NC
29
NC
30
NC
31
I2Cdata
32
I2Cclk
33
NC
34
SyncOut
35
I2SdataIn
36
FDA803Q
SPK
MCU
1
2
10uH
L1
1
2
R1
10R
1
2
C5
1uF
1
2
C6
3.3uF
1
2
10uH
L2
1
2
R5
10R
1
2
C15
1uF
1
2
C16
3.3uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com