Electronic Components Datasheet Search
  English  ▼

X  

FDA803S Datasheet(PDF) 10 Page - STMicroelectronics

Part # FDA803S
Description  1x10 W digital input class-D automotive audio amplifier with advanced diagnostics, wide voltage operating range for telematics and e-Call application
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803S Datasheet(HTML) 10 Page - STMicroelectronics

Back Button FDA803S Datasheet HTML 6Page - STMicroelectronics FDA803S Datasheet HTML 7Page - STMicroelectronics FDA803S Datasheet HTML 8Page - STMicroelectronics FDA803S Datasheet HTML 9Page - STMicroelectronics FDA803S Datasheet HTML 10Page - STMicroelectronics FDA803S Datasheet HTML 11Page - STMicroelectronics FDA803S Datasheet HTML 12Page - STMicroelectronics FDA803S Datasheet HTML 13Page - STMicroelectronics FDA803S Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Table 3. QFN 5X5 EP 3.5x3.5 32L WITH WETTABLE FLANKS mechanical data
Symbol
Dimension in mm
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
-
0.05
A2
-
0.2 REF
-
A3
0.10
-
-
D
5.00 BSC
D2
3.40
3.50
3.60
E
5.00 BSC
E2
3.40
3.50
3.60
e1
0.50 BSC
k
0.20
-
-
L1
-
-
0.05
La
0.40
0.50
0.60
bA
0.20
0.25
0.30
h
-
0.19 REF
-
h1
-
0.19 REF
-
LB
0.45
0.50
0.55
bB
0.20
0.25
0.30
N
32
R1
-
-
0.10
Tolerance of form and position
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
FDA803S
QFN32 5x5x1 (3.5x3.5 32L exp. pad down) package information
DB4683 - Rev 2
page 10/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com