Electronic Components Datasheet Search
  English  ▼

X  

FDA803U Datasheet(PDF) 10 Page - STMicroelectronics

Part # FDA803U
Description  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803U Datasheet(HTML) 10 Page - STMicroelectronics

Back Button FDA803U Datasheet HTML 6Page - STMicroelectronics FDA803U Datasheet HTML 7Page - STMicroelectronics FDA803U Datasheet HTML 8Page - STMicroelectronics FDA803U Datasheet HTML 9Page - STMicroelectronics FDA803U Datasheet HTML 10Page - STMicroelectronics FDA803U Datasheet HTML 11Page - STMicroelectronics FDA803U Datasheet HTML 12Page - STMicroelectronics FDA803U Datasheet HTML 13Page - STMicroelectronics FDA803U Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Pins description
FDA803U
10/76
DS12497 Rev 2
16
NC
Not connected
17
D1V8SVR
Positive digital supply V(SVR)+0.9V (Internally generated)
18
DGSVR
Negative digital supply V(SVR)-0.9V (Internally generated)
19
I2Cdata
I2C Data
20
I2Cclk
I2C Clock
21
I2Stest
test pin, left open
22
I2Sdata
I2S/TDM data
23
I2Sclk
I2S/TDM Clock input
24
I2Sws
I2S/TDM Sync input /Word Select input
25
AGnd
Analog ground
26
AVdd
Analog supply
27
A5VSVR
Positive Analog Supply V(SVR)+2.5V (Internally generated)
28
AGSVR
Negative Analog Supply V(SVR)-2.5V (Internally generated)
29
SVR
Supply Voltage Ripple Rejection Capacitor
30
HWMute
Hardware mute pin
31
FBP
Channel half bridge plus, Feedback
32
OUTP
Channel half bridge plus, Output
33
OUTP
Channel half bridge plus, Output
34
NC
Not connected
35
VCCP
Channel half bridge plus, Power Supply
36
GNDP
Channel half bridge plus, Power Ground
Table 2. Pins list function (continued)
Pin #
Pin name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com