Electronic Components Datasheet Search
  English  ▼

X  

L9918 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9918
Description  Alternator voltage regulator with LIN interface for 12 V applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9918 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9918 Datasheet HTML 50Page - STMicroelectronics L9918 Datasheet HTML 51Page - STMicroelectronics L9918 Datasheet HTML 52Page - STMicroelectronics L9918 Datasheet HTML 53Page - STMicroelectronics L9918 Datasheet HTML 54Page - STMicroelectronics L9918 Datasheet HTML 55Page - STMicroelectronics L9918 Datasheet HTML 56Page - STMicroelectronics L9918 Datasheet HTML 57Page - STMicroelectronics L9918 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 109 page
background image
NVM register name
Definition
Notes
Description
#Bits Code
HTK_SLOPE
4
0x3
Setpoint value ramp down in case of thermal
compensation
slope = -200.0 mV/°C
0x4
slope = -250.0 mV/°C
0x5
slope = -300.0 mV/°C
0x6
slope = -350.0 mV/°C
0x7
slope = -400.0 mV/°C
0x8
slope = -450.0 mV/°C
0x9
slope = -500.0 mV/°C
0xA
slope = -550.0 mV/°C
0xB
slope = -600.0 mV/°C
0xC
slope = -650.0 mV/°C
0xD
slope = -700.0 mV/°C
0xE
reserved
0xF
reserved
G_HT
2
0x0
50 mV/s
Setpoint transition gradient in case of thermal
compensation
0x1
25 mV/s
0x2
12.5 mV/s
0x3
6.25 mV/s
U_FELD_AUS
2
0x0
16.5 V
Overvoltage function threshold
0x1
17.0 V
0x2
17.5 V
0x3
18.0 V
U_FELD_AUS_TIME
2
0x0
520 µs
Filter time of overvoltage function threshold
0x1
780 µs
0x2
1040 µs
0x3
OV detection deactivated
U_FELD_EIN
3
0x0
8.75 V
Low voltage function threshold
0x1
9.25 V
0x2
9.75 V
0x3
10 V
0x4
10.25 V
0x5
10.5 V
0x6
11 V
0x7
PSA
U_FELD_EIN_TIME
2
0x0
520 µs
Filter time of low voltage function threshold
0x1
780 µs
0x2
1040 µs
0x3
1200 µs
PRIORITY_CH_DIS
1
0x0
enable
Enable/Disable Low voltage function
0x1
disable
L9918
NVM parameters table
DS13000 - Rev 2
page 54/109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com