Electronic Components Datasheet Search
  English  ▼

X  

SR6P7C4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SR6P7C4
Description  Stellar SR6 P7 line — 32-bit ArmR CortexR‑R52 automotive integration MCU 6x CortexR‑R52 cores, 20 MB NVM (2x 19.5 MB “OTA X2”) 8.2 MB RAM, with embedded virtualization, safety and security
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR6P7C4 Datasheet(HTML) 3 Page - STMicroelectronics

  SR6P7C4 Datasheet HTML 1Page - STMicroelectronics SR6P7C4 Datasheet HTML 2Page - STMicroelectronics SR6P7C4 Datasheet HTML 3Page - STMicroelectronics SR6P7C4 Datasheet HTML 4Page - STMicroelectronics SR6P7C4 Datasheet HTML 5Page - STMicroelectronics SR6P7C4 Datasheet HTML 6Page - STMicroelectronics SR6P7C4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1
Introduction
1.1
Document overview
This document provides a summary of the target specification and features of the SR6P7C8, SR6P7C4 devices.
For detailed information, refer to the device Datasheet and device Reference manual.
Note:
For information on the Cortex®
‑R52+ and Cortex®‑M4 cores refer to the Cortex®‑R52+ and Cortex®‑M4
technical reference manuals, available from the www.arm.com website.
Note:
Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.
1.2
Description
Stellar integration MCUs have been designed to meet the requirements of domain controllers and ECUs with
high integration requested in the architectures of connected update-able automated and electrified cars. They
have superior real-time and safe performance (with highest ASIL-D capability). Bringing HW based virtualization
technology to MCUs, they ease the development and integration of multiple source SW onto the same HW while
maximizing the resulting SW performance. They offer high efficiency OTA reprogramming capability with fast new
image download and activation at almost no memory overhead thanks to SR6 unique built-in dual image storage
tailored to OTA reprogramming needs and provide high speed security cryptographic services, for instance for
network authentication.
Table 1. SR6P7C8, SR6P7C4 overview
Feature
SR6P7C8, SR6P7C4
Cortex®
‑R52+ cores (+ checker cores)
6 cores (+4 checkers), configurable as 5
cores (+5 checkers)
NEON (with SIMD, dual precision floating point)
2
Cache (instruction / data) per core in Kbyte
32 / 32
Core memory protection unit (regions),
several additional protection mechanisms in
the architecture, for example: NOC firewalls
Hypervisor (EL2)
24
OS (EL1)
24
Code NVM
Overall including HSM in Mbyte
20
Cluster code NVM in Mbyte
19.5
HSM code NVM in Kbyte
512
Code NVM built-in memory replication for OTA reprogramming (not supported by
HSM) in Mbyte
Up to 2x 19.5
Data NVM in Kbyte
640
RAM in Kbyte
8400
Hardware security module (HSM) - 2nd generation
Yes
AES-Light (cryptographic services - in lockstep)
4
Arm® Cortex®
‑M4
Multi-purpose accelerator (DSPH)
1
Multi-purpose accelerator in lockstep (DME)
1
Stand-by and smart power modes
No
eDMA engines (number of channels, more
channels through muxes/channel)
Engine
4
Channel
3 x 32
1 x 64
LIN and UART (LINFlexD)
11
CAN-FD
12
SR6P7C8, SR6P7C4
Introduction
DB4504 - Rev 5
page 3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com