Electronic Components Datasheet Search
  English  ▼

X  

STA1385 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA1385
Description  Telemaco3P automotive family of telematics and connectivity microprocessor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1385 Datasheet(HTML) 1 Page - STMicroelectronics

  STA1385 Datasheet HTML 1Page - STMicroelectronics STA1385 Datasheet HTML 2Page - STMicroelectronics STA1385 Datasheet HTML 3Page - STMicroelectronics STA1385 Datasheet HTML 4Page - STMicroelectronics STA1385 Datasheet HTML 5Page - STMicroelectronics STA1385 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LFBGA361
(16x16x1.7, 0.8mm pitch)
GAPGPS00902
Features
•
AEC-Q100 qualified Grade 2
Core and Infrastructure
•
Dual ARM CortexA7 up to 600 MHz, withMMU, FPU and NEON support
•
Memory organization:
–
L1 Cache: 32 KB I, 32 KB D
–
L2 Cache: 256 KB
–
Total embedded SRAM: 768 KB
Embedded Vehicle Interface
•
Isolated Cortex-M3 core
–
L1 Cache: 8 KB I
•
256 KB reserved embedded SRAM (extendible to 768 KB)
•
1x CAN Standard (C_CAN)
•
2x CAN FD (M_CAN)
•
1x Flexray
Media Interfaces
•
1x SD/MMC/SDIO SDR50 (SD/MMC0)
•
1x SD/MMC/SDIO SDR25 (SD/MMC1)
•
1x USB 2.0 DR with HS PHY and HSIC
•
1x USB 2.0 DR with HS PHY
•
2x ETH AVB MAC with RMII/RGMII
Embedded HW Security Module
•
HIS SHE/SHE+ Service Set with extensions for PKC (SHE_EXT)
•
Cryptographic Functions Accelerators
–
Symmetric keys: MP AES
–
Public keys: RSA, ECC
–
Hash: MD5, SHA1, SHA2
•
True Random Number Generator
•
User pogrammable OTP memory (eHSM OTP)
Memory Interfaces
•
16-bit DDR3L-1066 (533 MHz)
•
16-bit LPDDR2-800 (400 MHz)
•
SQI Interface
•
8-bit Parallel NAND (1 chip select)
I/O Interfaces
•
1x 6-channel 10-bits ADC
•
3x I2C multi-master/slave interfaces
•
6x UART controller
•
3xI2S audio interfaces
•
3x Synchronous Serial Port (SSP/SPI)
•
5x 32-bit GPIO ports
•
JTAG based in-circuit emulator (ICE) with Embedded Trace Module
Product status link
STA1385
Product summary
Order code
STA1385
Package
LFBGA 361
16x16x1.7mm
Packing
Tray/ Tape and reel
Telemaco3P automotive family of telematics and connectivity microprocessor
STA1385
Data brief
DB3423 - Rev 2 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STA1385

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA1050 STMICROELECTRONICS-STA1050 Datasheet
148Kb / 11P
CD-Audio one-chip
21-Nov-2006
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
STA1052S1 STMICROELECTRONICS-STA1052S1 Datasheet
189Kb / 14P
DSP/MCU system for CD-DA, CD-CA, CD-ROM player
12-Mar-2008
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
STA1078 STMICROELECTRONICS-STA1078 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
More results

Similar Description - STA1385

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4234 EPCOS-B4234_1 Datasheet
124Kb / 10P
Automotive telematics
B4235 EPCOS-B4235_1 Datasheet
118Kb / 11P
Automotive telematics
B3514 EPCOS-B3514 Datasheet
107Kb / 9P
SAW RF filter Automotive telematics
B3518 EPCOS-B3518 Datasheet
114Kb / 11P
SAW Diplexer Automotive telematics
B3524 EPCOS-B3524_11 Datasheet
95Kb / 8P
SAW filter Automotive telematics
B3912 EPCOS-B3912 Datasheet
72Kb / 8P
SAW filter Automotive telematics
B4305 EPCOS-B4305 Datasheet
107Kb / 8P
SAW Rx filter Automotive telematics
logo
Hittite Microwave Corpo...
HMC1055LP2CE HITTITE-HMC1055LP2CE Datasheet
830Kb / 6P
Automotive Telematics
logo
STMicroelectronics
STA1074 STMICROELECTRONICS-STA1074 Datasheet
322Kb / 16P
Telemaco2 family of telematics and connectivity microprocessors
11-Sep-2015
logo
Maxim Integrated Produc...
MAX16984EVKIT MAXIM-MAX16984EVKIT Datasheet
71Kb / 2P
Automotive Connectivity
7-12-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com