Electronic Components Datasheet Search
  English  ▼

X  

STPA008ZS Datasheet(PDF) 8 Page - STMicroelectronics

Part # STPA008ZS
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008ZS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STPA008ZS Datasheet HTML 4Page - STMicroelectronics STPA008ZS Datasheet HTML 5Page - STMicroelectronics STPA008ZS Datasheet HTML 6Page - STMicroelectronics STPA008ZS Datasheet HTML 7Page - STMicroelectronics STPA008ZS Datasheet HTML 8Page - STMicroelectronics STPA008ZS Datasheet HTML 9Page - STMicroelectronics STPA008ZS Datasheet HTML 10Page - STMicroelectronics STPA008ZS Datasheet HTML 11Page - STMicroelectronics STPA008ZS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Pin description
STPA008ZS
8/25
DS13138 Rev 2
14
NC
-
15
NC
-
16
ST-BY
Stand-by
17
OUT2-
Channel 2, negative output
18
NC
-
19
OUT1-
Channel 1, negative output
20
NC
-
21
VCC1
Supply voltage
22
PWGND1
Channel 1, output power ground
23
OUT1+
Channel 1, positive output
24
NC
-
25
SVR
Supply voltage rejection pin
26
IN1
Channel 1, input
27
IN2
Channel 2, input
28
SGND
Signal ground
29
IN4
Channel 4, input
30
IN3
Channel 3, input
31
ACGND
AC ground
32
OUT3+
Channel 3, positive output
33
PWGND3
Channel 3, output power ground
34
VCC3
Supply voltage
35
NC
-
36
OUT3-
Channel 3, negative output
Table 2. Pin description (continued)
Pin number
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com