Electronic Components Datasheet Search
  English  ▼

X  

STTH40200CHYG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STTH40200CHYG
Description  Rad-Hard 40 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40200CHYG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STTH40200CHYG Datasheet HTML 2Page - STMicroelectronics STTH40200CHYG Datasheet HTML 3Page - STMicroelectronics STTH40200CHYG Datasheet HTML 4Page - STMicroelectronics STTH40200CHYG Datasheet HTML 5Page - STMicroelectronics STTH40200CHYG Datasheet HTML 6Page - STMicroelectronics STTH40200CHYG Datasheet HTML 7Page - STMicroelectronics STTH40200CHYG Datasheet HTML 8Page - STMicroelectronics STTH40200CHYG Datasheet HTML 9Page - STMicroelectronics STTH40200CHYG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2
Radiation
The technology of STMicroelectronics Rad-Hard rectifier’s diodes is intrinsically highly resistant to radiative
environments.
The product radiation hardness assurance is supported by a total ionisation dose (TID) test at high dose rate and
a single effect event (SEE) characterization.
2.1
Total dose radiation (TID) testing
Diodes are considered as intrinsically immune to Total Ionization Dose (TID) up to at least 300 krad(Si) as per
ESCC-Q-ST-60-15C.
ST has characterized the STTH40200CHR in TID up to 3 Mrad(Si) on 21 parts issued from two different diffusion
lots, packaged in SMD1, 7 parts unbiased, 7 parts reverse biased and 7 parts forward biased.
The irradiation has been done according to the ESCC 22900 specification standard window i.e. high dose rate
(0.36 to 180 krad(Si)/hour ).
Both pre-irradiation and post-irradiation performances have been tested using the same circuitry and test
conditions for a direct comparison can be done (Tamb = 22 ±3 °C unless otherwise specified).
The key parameters were measured four times:
Before irradiation
After irradiation at final dose 3 Mrad (Si)
After 168 hrs at room temperature
After 168 hrs at 100 °C anneal
All parameters stay within specification after each steps, supporting the claim that the product sustains 3
Mrad(Si). However, in absence of TID test on each wafer lot, the product is not ESCC qualified at this radiation
level.
2.2
Single event effect
The Single Event Effect (SEE) relevant to power rectifiers are characterized, i.e. the Single Event Burnout (SEB).
The tests are performed as per ESCC 25100, each one on 3 pieces from 1 wafer at room temperature.
The accept/reject criteria are :
SEB (destructive mode):
The diode is reverse biased during irradiation. The test is stopped as soon as a SEB occurs or when the
reverse leakage current is above the specification or when the overall fluency on the component reaches
1E7 cm².
PIST (post-irradiation stress) test:
After the irradiation, a stress is applied to the diode in order to reveal any latent damage on the irradiated
devices.
The reverse voltage value is increased from 0 V to 100% of VRmax. and then decreased from 100% of the
VRmax. to 0 V. At each step, the reverse leakage current value is measured.
Table 5. Radiation hardness assurance summary
Type
Conditions
Result
Total ionisation dose
Charaterization of 2 wafer lots at 22 +/- 3°C
High dose rate 7 reverse biased + 7 forward biased + 7 unbiased
Immune up to 3 Mrad(Si)
Single effect burnout
LET : 62.5 MeV.cm/mg
Vcc : 400 V - Ambient temperature : 25°C
No burnout
STTH40200CHR
Radiation
DS12525 - Rev 5
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com