Electronic Components Datasheet Search
  English  ▼

X  

STTH40200CHYT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH40200CHYT
Description  Rad-Hard 40 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40200CHYT Datasheet(HTML) 2 Page - STMicroelectronics

  STTH40200CHYT Datasheet HTML 1Page - STMicroelectronics STTH40200CHYT Datasheet HTML 2Page - STMicroelectronics STTH40200CHYT Datasheet HTML 3Page - STMicroelectronics STTH40200CHYT Datasheet HTML 4Page - STMicroelectronics STTH40200CHYT Datasheet HTML 5Page - STMicroelectronics STTH40200CHYT Datasheet HTML 6Page - STMicroelectronics STTH40200CHYT Datasheet HTML 7Page - STMicroelectronics STTH40200CHYT Datasheet HTML 8Page - STMicroelectronics STTH40200CHYT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1
Characteristics
1.1
Absolute maximum ratings
The absolute maximum ratings are limiting values at 25°C, per diodes unless otherwise notified. Values provided
in Table 1. Absolute maximum ratings shall not be exceeded at any time during use or storage
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
200
V
IO
Average output rectified current
per diode(1)
per package
40
40
A
IFSM(2)
Forward surge current
300
A
Top
Operating temperature range (case temperature)
-65 to +175
°C
Tj
Maximum junction temperature
+175
°C
Tstg
Storage temperature range
-65 to +175
°C
Tsol(3)
Soldering temperature
+245
°C
1. DC value. For Tcase > +110 °C, derate linearly to 0 A at +175 °C.
2. Pulse width 680 µs with duty cycle <= 2%
3. Duration 5 seconds maximum with at least 3 minutes between consecutive temperature peaks.
1.2
Thermal parameters
Table 2. Thermal parameters
Symbol
Parameter
Typ. value
Max. value
Unit
Rth(j-c)
Thermal resistance, junction to case (1)
Per diode
-
1.4
°C/W
Per package
-
1.0
1. When only 1 diode is used, the dissipation is made from a part of the die, hence to a higher thermal resistance.
STTH40200CHR
Characteristics
DS12525 - Rev 5
page 2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com