Electronic Components Datasheet Search
  English  ▼

X  

TDA75610DLVPDTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA75610DLVPDTR
Description  4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610DLVPDTR Datasheet(HTML) 5 Page - STMicroelectronics

  TDA75610DLVPDTR Datasheet HTML 1Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 2Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 3Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 4Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 5Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 6Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 7Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 8Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
DocID024175 Rev 8
5/37
TDA75610DLVPD
List of figures
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 2.
Application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Pin connection diagram (top of view) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 4.
Quiescent current vs. supply voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 5.
Output power vs. supply voltage (4
) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 6.
Output power vs. supply voltage (2
) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 7.
Distortion vs. output power (4
, STD). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 8.
Distortion vs. output power (4
, HI-EFF). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 9.
Distortion vs. output power (2
, STD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 10.
Distortion vs. output power (2
, HI-EFF). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 11.
Distortion vs. output power Vs = 6 V (4 , STD). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 12.
Distortion vs. frequency (4
) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 13.
Distortion vs. frequency (2
) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 14.
Crosstalk vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 15.
Supply voltage rejection vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 16.
Power dissipation vs. average output power (audio program simulation, 4
). . . . . . . . . . 16
Figure 17.
Power dissipation vs. average output power (audio program simulation, 2
). . . . . . . . . . 16
Figure 18.
Total power dissipation and efficiency vs. output power (4
, HI-EFF, Sine). . . . . . . . . . . 16
Figure 19.
Total power dissipation and efficiency vs. output power (4
, STD, Sine) . . . . . . . . . . . . . 16
Figure 20.
Input CMRR vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 21.
ITU R-ARM frequency response, weighting filter for transient pop. . . . . . . . . . . . . . . . . . . 16
Figure 22.
Turn - on diagnostic: working principle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 23.
SVR and output behavior (Case 1: without turn-on diagnostic) . . . . . . . . . . . . . . . . . . . . . 17
Figure 24.
SVR and output pin behavior (Case 2: with turn-on diagnostic) . . . . . . . . . . . . . . . . . . . . . 18
Figure 25.
Short circuit detection thresholds . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 26.
Load detection thresholds - high gain setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 27.
Load detection threshold - low gain setting . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 28.
Restart timing without diagnostic enable (permanent) - Each 1 mS time,
a sampling of the fault is done . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 29.
Restart timing with diagnostic enable (permanent). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 30.
Current detection high: load impedance |Z| vs. output peak voltage . . . . . . . . . . . . . . . . . 21
Figure 31.
Current detection low: load impedance |Z| vs. output peak voltage . . . . . . . . . . . . . . . . . . 21
Figure 32.
Thermal foldback diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 33.
Worst case battery cranking curve sample 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 34.
Worst case battery cranking curve sample 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
Figure 35.
Upwards fast battery transitions diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 36.
High efficiency - basic structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 37.
Data validity on the I2C bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 38.
Timing diagram on the I2C bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 39.
Acknowledge on the I2C bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 40.
PowerSO36 (slug up) mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com