Electronic Components Datasheet Search
  English  ▼

X  

TDA75610SLV Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA75610SLV
Description  4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610SLV Datasheet(HTML) 1 Page - STMicroelectronics

  TDA75610SLV Datasheet HTML 1Page - STMicroelectronics TDA75610SLV Datasheet HTML 2Page - STMicroelectronics TDA75610SLV Datasheet HTML 3Page - STMicroelectronics TDA75610SLV Datasheet HTML 4Page - STMicroelectronics TDA75610SLV Datasheet HTML 5Page - STMicroelectronics TDA75610SLV Datasheet HTML 6Page - STMicroelectronics TDA75610SLV Datasheet HTML 7Page - STMicroelectronics TDA75610SLV Datasheet HTML 8Page - STMicroelectronics TDA75610SLV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
This is information on a product in full production.
December 2014
DocID025599 Rev 6
1/42
TDA75610SLV
4 x 45 W power amplifier with full I2C diagnostics, high efficiency
and low voltage operation
Datasheet
- production data
Features
 Multipower BCD technology
 MOSFET output power stage
 DMOS power output
 High efficiency (class SB)
 High output power capability 4x25 W/4 Ω @
14.4 V, 1 kHz, 10% THD, 4 x 45 W max power
 2 Ω driving capability (64 W max power)
 Full I2C bus driving:
– Standby
– Independent front/rear soft play/mute
– Selectable gain 26 dB /16 dB (for low noise
line output function)
– High efficiency enable/disable
–I2C bus digital diagnostics (including DC
and AC load detection)
 Flexible fault detection through integrated
diagnostic
 DC offset detection
 Four independent short circuit protection
 Clipping detector pin with selectable threshold
(2 %/10 %)
 Standby/mute pin
 Linear thermal shutdown with multiple thermal
warning
 ESD protection
 Very robust against misconnections
 Improved SVR suppression during battery
transients
 Capable to operate down to 6 V (e.g. “Start-stop”)
Description
The TDA75610SLV is a new quad bridge car radio
amplifier, designed in BCD technology, in order to
include a wide range of innovative features in a
very compact and flexible device.
The TDA75610SLV is equipped with the most
complete diagnostics array that communicates
the status of each speaker through the I2C bus.
The dissipated output power under average
listening condition is significantly reduced when
compared to the conventional class AB solutions,
thanks to the patented 'class SB' efficiency
concept. TDA75610SLV has been designed to be
very robust against several kinds of
misconnections. It is moreover compliant to the
most recent OEM specifications for low voltage
operation (so called 'start-stop' battery profile
during engine stop), helping car manufacturers to
reduce the overall emissions and thus
contributing to environment protection. The ST
BCD in combination with 'class SB' efficiency and
'intelligent power' has been sold in million of units
to most known car manufacturers, the
TDA75610SLV is the latest and most compact
member of this power amplifiers family.
PowerSO36
Flexiwatt27 (Vert.)
Flexiwatt27 (SMD)
Flexiwatt27 (Horiz.)
Table 1.
Device summary
Order code
Package
Packing
TDA75610S-8ZX
Flexiwatt27
(SMD)
Tube
TDA75610S-8ZT
Tape and reel
TDA75610S-48X
Flexiwatt27 (vert.)
Tube
TDA75610S-QLX
Flexiwatt27 (hor.)
Tube
TDA75610S-ZSX
PowerSO36
Tube
TDA75610S-ZST
Tape and reel
www.st.com


Similar Part No. - TDA75610SLV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA75610DLV ETC2-TDA75610DLV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
logo
STMicroelectronics
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
TDA75610DLVPDTR STMICROELECTRONICS-TDA75610DLVPDTR Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
logo
List of Unclassifed Man...
TDA75610LV ETC2-TDA75610LV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
logo
STMicroelectronics
TDA75610LV STMICROELECTRONICS-TDA75610LV Datasheet
877Kb / 42P
4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
15-Dec-2014
More results

Similar Description - TDA75610SLV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
FDA801B STMICROELECTRONICS-FDA801B Datasheet
249Kb / 11P
4 x 50 W class-D digital input power amplifier with I2C diagnostics, digital impedance meter (DIM) and low voltage operation
13-Nov-2015
STPA003 STMICROELECTRONICS-STPA003 Datasheet
455Kb / 25P
4 x 52 W quad bridge power amplifier with high side driver and low voltage operation
21-Jan-2020
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
19-Sep-2014
TDA75612LV STMICROELECTRONICS-TDA75612LV Datasheet
730Kb / 35P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA75616LV STMICROELECTRONICS-TDA75616LV Datasheet
713Kb / 36P
4 x 45 W power amplifier with full I2C diagnostics, SSR and low voltage operation
22-Sep-2014
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7577BLV STMICROELECTRONICS-TDA7577BLV Datasheet
816Kb / 43P
2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
13-Jan-2015
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com