Electronic Components Datasheet Search
  English  ▼

X  

TDA7562BEP Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7562BEP
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562BEP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7562BEP Datasheet HTML 5Page - STMicroelectronics TDA7562BEP Datasheet HTML 6Page - STMicroelectronics TDA7562BEP Datasheet HTML 7Page - STMicroelectronics TDA7562BEP Datasheet HTML 8Page - STMicroelectronics TDA7562BEP Datasheet HTML 9Page - STMicroelectronics TDA7562BEP Datasheet HTML 10Page - STMicroelectronics TDA7562BEP Datasheet HTML 11Page - STMicroelectronics TDA7562BEP Datasheet HTML 12Page - STMicroelectronics TDA7562BEP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DocID028961 Rev 1
9/34
TDA7562BEP
Electrical specifications
33
3.3
Electrical characteristics
Refer to the test circuit, VS = 14.4 V; RL = 4 Ω; f = 1 kHz; GV = 30 dB; Tamb = 25 °C; unless
otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Power amplifier
VS
Supply voltage range
-
8
-
18
V
Id
Total quiescent drain current
-
--
150
300
mA
PO
Output power
Max. (VS = 15.2 V)
-
46
-
W
THD = 10%
THD = 1%
Max power
24
18
37
27
22
42
-W
RL = 2 Ω; THD 10%
RL = 2 Ω; THD 1%
RL = 2 Ω; max. power
38
30
60
45
36
70
-W
THD
Total harmonic distortion
PO = 1 W to 10 W;
-
0.04
0.1
%
GV = 16 dB;
VO = 0.1 to 5 VRMS
-
0.02
0.05
%
CT
Cross talk
f = 1 kHz to 10 kHz, RG = 600 Ω
50
60
-
dB
RIN
Input impedance
-
60
100
130
kΩ
GV1
Voltage gain 1
-
29
30
31
dB
GV1
Voltage gain match 1
-
-1
0
1
dB
GV2
Voltage gain 2
-
15
16
17
dB
EIN1
Output noise voltage 1
Rg = 600 Ω20 Hz to 22 kHz
-
60
100
μV
EIN2
Output noise voltage 2
Rg = 600 Ω;
GV = 16 dB; 20 Hz to 22 kHz
-20
30
μV
SVR
Supply voltage rejection
f = 100 Hz to 10 kHz; Vr = 1 Vpk;
Rg = 600 Ω
50
60
-
dB
BW
Power bandwidth
-
100
-
-
kHz
VSBY
Standby/mute pin for standby
-
0
-
1.5
V
VMU
Standby/mute pin for mute
-
3.5
-
5
V
VOP
Standby/mute pin for operating
-
7
-
VS
V
ASB
Standby attenuation
-
90
110
-
dB
ISB
Standby current
VSBY = 0V
-
1
10
μA
AM
Mute attenuation
-
80
100
-
dB
VOS
Offset voltage
Mute and play
-100
0
100
mV
VAM
Min. supply voltage threshold
-
6.5
7.5
8
V
TON
Turn on delay
D2/D1 (IB1) 0 to 1
8
20
50
ms
TOFF
Turn off delay
D2/D1 (IB1) 1 to 0
8
20
50
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com