Electronic Components Datasheet Search
  English  ▼

X  

TDA7577BLV Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7577BLV
Description  2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7577BLV Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7577BLV Datasheet HTML 5Page - STMicroelectronics TDA7577BLV Datasheet HTML 6Page - STMicroelectronics TDA7577BLV Datasheet HTML 7Page - STMicroelectronics TDA7577BLV Datasheet HTML 8Page - STMicroelectronics TDA7577BLV Datasheet HTML 9Page - STMicroelectronics TDA7577BLV Datasheet HTML 10Page - STMicroelectronics TDA7577BLV Datasheet HTML 11Page - STMicroelectronics TDA7577BLV Datasheet HTML 12Page - STMicroelectronics TDA7577BLV Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DocID025375 Rev 5
9/43
TDA7577BLV
Electrical specifications
42
Id
Total quiescent drain current
-
-
140
200
mA
RIN
Input impedance
-
100
115
140
kΩ
VAM
Min supply mute threshold
Start-stop IB1(D7) = 0 (default)
5
-
6
V
No start-stop IB1(D7) = 1
7
-
8
VOS
Offset voltage
Mute & play, standard bridge
-65
-
65
mV
ISB
Standby current consumption
Vst-by = 0 V
-
1
5
μA
PSRR
Power supply rejection ratio
f = 100 Hz to 10 kHz; Vr = 1 Vpk;
Rg = 600 Ω
60
75
-
dB
TON
Turn on delay
D2 (IB1) 0 to 1
-
30
50
ms
TOFF
Turn off delay
D2 (IB1) 1 to 0
-
30
50
ms
VMC
Max. common mode input level
f = 1 kHz
-
-
1
Vrms
SR
Slew rate
-
2
4.5
-
V/μs
Audio performances
Po
Output power
Max. power(1)
THD = 10 %
THD = 1 %
40
25
-
45
28
22
-W
RL = 2 Ω; THD 10 %
RL = 2 Ω; THD 1 %
RL = 2 Ω; Max. power(1)
45
-
70
50
40
78
-W
Single channel configuration
(1 Ω pin >2.5 V); RL = 1 Ω;
THD 3 %
Max. power(1)
80
140
85
155
-W
Max. power(1), Vs = 6 V
-
6
-
W
Max. power(1), Vs = 6 V, RL = 1 Ω;-
25
-
W
THD
Total harmonic distortion
PO = 1-12W; STD MODE
HE MODE; PO = 1-2 W
HE MODE; PO = 4-8 W
-
0.04
0.03
0.1
0.1
0.1
-
%
PO = 1-12 W, f = 10 kHz, STD
MODE
-
0.3
0.5
%
RL = 2 Ω; HE MODE; Po = 3 W
-
0.05
0.5
%
Single channel configuration
(1Ω pin > 2.5 V); RL = 1 Ω;
PO = 4-30 W
-
0.085
0.15
%
CT
Cross talk
Rg = 600 Ω; PO = 1 W
75
90
-
dB
GV1
Voltage gain 1 (default)
-
25
26
27
dB
ΔGV1
Voltage gain match 1
-
-1
-
1
dB
GV2
Voltage gain 2
-
15
16
17
dB
ΔGV2
Voltage gain match 2
-
-1
-
1
dB
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com