Electronic Components Datasheet Search
  English  ▼

X  

TDA7707 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7707
Description  AM/FM/HD-RadioTM/DAB submicron technology automotive receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7707 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7707 Datasheet HTML 1Page - STMicroelectronics TDA7707 Datasheet HTML 2Page - STMicroelectronics TDA7707 Datasheet HTML 3Page - STMicroelectronics TDA7707 Datasheet HTML 4Page - STMicroelectronics TDA7707 Datasheet HTML 5Page - STMicroelectronics TDA7707 Datasheet HTML 6Page - STMicroelectronics TDA7707 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ref.
Dimensions in mm
Min.
Typ.
Max.
b1
-
0.15
-
D
9.00 BSC
D1(2)
8.75 BSC
D2
-
6.70
-
e
0.50 BSC
E
9.00 BSC
E1(2)
8.75 BSC
E2
-
6.70
-
L
0.30
-
0.50
L1
0.15 REF
L2
-
0.10
-
P
-
-
0.60
Tolerance of form and position
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
1. Maximum allowable burr is 0.076 mm in all directions.
2. D1 and E1 are Maximum plastic body size dimensions including mold mismatch. Dimensions D1 and E1 do not include
mold flash or protrusions. Allowable mold flash or protrusions is "0.25 mm (0.0098 inch)" per side.
Note:
The package is compliant to IPC/JEDEC J-STD-020D June 2007 standard Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices, MSL Level 3.
TDA7707
VFQFPN-64 (9x9x1.0mm) package information
DB2481 - Rev 3
page 5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com