Electronic Components Datasheet Search
  English  ▼

X  

TDA7708SCBTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7708SCBTR
Description  AM/FM/HD-RadioTM submicron technology automotive receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7708SCBTR Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7708SCBTR Datasheet HTML 1Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 2Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 3Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 4Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 5Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 6Page - STMicroelectronics TDA7708SCBTR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ref.
Dimensions in mm
Min.
Typ.
Max.
A1
-
0.02
0.05
A2
-
0.65
1
A3
-
0.2
-
b
0.18
0.25
0.3
D
7.85
8
8.15
D1
-
7.75
-
D2
6.4
6.5
6.6
D3
-
5.9
-
E
7.85
8
8.15
E1
-
7.75
-
E2
6.4
6.5
6.6
E3
-
5.9
-
e
-
0.5
-
L
0.35
0.55
0.75
P
-
-
0.6
K
12° Max.
ddd
-
-
0.08
TDA7708S
VFQFPN-52 (8x8x1.0 mm) package information
DB3138 - Rev 3
page 5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com