Electronic Components Datasheet Search
  English  ▼

X  

TDA7808 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7808
Description  High efficiency digital input automotive quad power amplifier, start stop compatible
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7808 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7808 Datasheet HTML 1Page - STMicroelectronics TDA7808 Datasheet HTML 2Page - STMicroelectronics TDA7808 Datasheet HTML 3Page - STMicroelectronics TDA7808 Datasheet HTML 4Page - STMicroelectronics TDA7808 Datasheet HTML 5Page - STMicroelectronics TDA7808 Datasheet HTML 6Page - STMicroelectronics TDA7808 Datasheet HTML 7Page - STMicroelectronics TDA7808 Datasheet HTML 8Page - STMicroelectronics TDA7808 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
This is information on a product in full production.
January 2019
DS12230 Rev 4
1/39
TDA7808
High efficiency digital input automotive quad power amplifier, ’start
stop’ compatible
Datasheet
- production data
Features
 AEC-Q100 qualified
 24-bit digital processing
 115 dB dynamic range (A-weighted)
 SB-I (SB - improved) high efficiency operation
the highest ’non - class D’ efficiency
 High output power capability:
– 4 x 27 W 4
Ω@ 14.4 V, 1 kHz, THD = 10%
 Flexible mode control:
– Full I2C bus driving 1.8 V/3.3 V) with four
addresses selectable (only for PowerSO36
package option)
– Independent front/rear play/ mute
– Selectable digital gains for very-low noise
line-out function
 Start-stop compatibility (operation down to 6 V)
 Sample rates: 44.1 kHz, 48 kHz, 96 kHz, 192 kHz
 Flexible serial data port (1.8 V / 3.3 V):
–I2S standard, TDM 4Ch, TDM 8Ch, TDM
16ch (8+8ch)
 Offset detector
 Independent front/rear clipping detector
 CMOS compatible enable pin
 Thermal protection
 Pop free in mute to play transitions and viceversa
Description
TDA7808 is a single chip quad bridge amplifier in
advanced BCD technology integrating: a full D/A
converter, digital input for direct connection to I2S
(or TDM) and powerful MOSFET output stages.
The integrated D/A converter allows the
performance to reach an outstanding 115 dB S/N
ratio with more than 110 dB of dynamic range.
Moreover TDA7808 integrates an innovative high
efficiency concept, optimized also for
uncorrelated music signals. The device is
designed to be compatible to battery modulation
for class-G systems.
Thanks to this concept, the dissipated output
power under average listening conditions can be
reduced up to 50% when compared to the
conventional class AB solutions.
TDA7808 integrates also a programmable PLL
that is able to lock at the input frequencies of
64*Fs for all the input configurations.
TDA7808 is able to play music down to 6 V supply
voltage - so it is compatible with the so called
'start stop' battery profile recently adopted by car
makers (thus reducing the fuel consumption and
the impact over the environment).
Table 1. Device summary
Flexiwatt27
(Vertical)
PowerSO-36
(Slug up)
Order code
Package
Packing
TDA7808-ZSX
PowerSO36
(Slug up)
Tube
TDA7808-ZST
Tape & reel
TDA7808-48X
Flexiwatt27
(Vertical)
Tube
www.st.com


Similar Part No. - TDA7808

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7801 STMICROELECTRONICS-TDA7801 Datasheet
214Kb / 8P
Digital input quad power amplifier with built-in diagnostics features
12-Sep-2008
TDA7801 STMICROELECTRONICS-TDA7801 Datasheet
1Mb / 48P
Digital input quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7801H STMICROELECTRONICS-TDA7801H Datasheet
214Kb / 8P
Digital input quad power amplifier with built-in diagnostics features
12-Sep-2008
TDA7801H STMICROELECTRONICS-TDA7801H Datasheet
1Mb / 48P
Digital input quad power amplifier with built-in diagnostics features
18-Sep-2013
TDA7801PD STMICROELECTRONICS-TDA7801PD Datasheet
214Kb / 8P
Digital input quad power amplifier with built-in diagnostics features
12-Sep-2008
More results

Similar Description - TDA7808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDX-2102 ETC1-DDX-2102 Datasheet
643Kb / 17P
All-Digital High Efficiency Power Amplifier
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877 Datasheet
128Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 5
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8877 ONSEMI-NCV8877_16 Datasheet
131Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
logo
STMicroelectronics
TDA7803A STMICROELECTRONICS-TDA7803A Datasheet
1Mb / 72P
High efficiency digital input automotive quad power amplifier with built-in diagnostics features, start stop compatible
06-Sep-2022
TDA7901 STMICROELECTRONICS-TDA7901 Datasheet
216Kb / 13P
High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
19-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com