Electronic Components Datasheet Search
  English  ▼

X  

TDA7901 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7901
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7901 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7901 Datasheet HTML 4Page - STMicroelectronics TDA7901 Datasheet HTML 5Page - STMicroelectronics TDA7901 Datasheet HTML 6Page - STMicroelectronics TDA7901 Datasheet HTML 7Page - STMicroelectronics TDA7901 Datasheet HTML 8Page - STMicroelectronics TDA7901 Datasheet HTML 9Page - STMicroelectronics TDA7901 Datasheet HTML 10Page - STMicroelectronics TDA7901 Datasheet HTML 11Page - STMicroelectronics TDA7901 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Ref
Dimensions (mm)
Min
Typ
Max
a1
0.03
-
-0.04
b
0.22
-
0.38
c
0.23
-
0.32
D(1)
15.8
-
16
D1
9.4
-
9.8
D2
-
1
-
E
13.9
-
14.5
E1(1)
10.9
-
11.1
E2
-
-
2.9
E3
5.8
-
6.2
E4
2.9
-
3.2
e
-
0.65
-
e3
-
11.05
-
G
0
-
0.075
H
15.5
-
15.9
h
-
-
1.1
L
0.8
-
1.1
N
-
-
10°
s
-
-
8°
1. ‘D’ and ‘E1’ do not include mold flash or protusions. Mold flash or protusions shall not exceed 0.15mm .
TDA7901
PowerSO-36 (slug up) package information
DB4653 - Rev 1
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com