Electronic Components Datasheet Search
  English  ▼

X  

TDA7901-ZST Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7901-ZST
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7901-ZST Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7901-ZST Datasheet HTML 1Page - STMicroelectronics TDA7901-ZST Datasheet HTML 2Page - STMicroelectronics TDA7901-ZST Datasheet HTML 3Page - STMicroelectronics TDA7901-ZST Datasheet HTML 4Page - STMicroelectronics TDA7901-ZST Datasheet HTML 5Page - STMicroelectronics TDA7901-ZST Datasheet HTML 6Page - STMicroelectronics TDA7901-ZST Datasheet HTML 7Page - STMicroelectronics TDA7901-ZST Datasheet HTML 8Page - STMicroelectronics TDA7901-ZST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
The integrated D/A converter allows the performance to reach an outstanding 117 dB
S/N ratio with more than 117 dB of dynamic range. Moreover the TDA7901 integrates
an innovative high efficiency concept, optimized also for uncorrelated music signals.
The device implements class G operation mode.
Thanks to this concept, the dissipated “output power” under average listening
conditions can be reduced more than the standard class AB devices. The TDA7901
also integrates a programmable PLL that is able to lock at the input frequencies of
64*Fs for all the input configurations.
The device is equipped with a full and advanced diagnostics array that communicates
the status of each speaker through the I2C bus. DIM (Digital-Impedance-Meter)
function allows to measure the value of the load. The same I2C bus allows to control
several configurations of the device.
The TDA7901 is able to play music down to 4.5 V supply voltage thus it is compatible
with the so-called 'start stop' battery profile. Several car makers adopt 'Start stop'
feature to reduce the fuel consumption and the impact over the environment.
Moreover, TDA7901 guarantees EMI outstanding performance, in line with the
CISPR25-restrictive standard requirement.
TDA7901
DB4653 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com