Electronic Components Datasheet Search
  English  ▼

X  

AP1512 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1512
Description  50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1512 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1512 Datasheet HTML 1Page - Diodes Incorporated AP1512 Datasheet HTML 2Page - Diodes Incorporated AP1512 Datasheet HTML 3Page - Diodes Incorporated AP1512 Datasheet HTML 4Page - Diodes Incorporated AP1512 Datasheet HTML 5Page - Diodes Incorporated AP1512 Datasheet HTML 6Page - Diodes Incorporated AP1512 Datasheet HTML 7Page - Diodes Incorporated AP1512 Datasheet HTML 8Page - Diodes Incorporated AP1512 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP1512/A
50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
Typical Application Circuit
( Continued )
B. VIN = 10V~60V, VOUT = 3.3V, IOUT = 0.3A~2A, IOUT below 0.3A DCM
C5
1n
L1
47uH
1
2
R2
2K
Vin
C2
1u
D1
B360/B
ON/OFF
R3
1.2K
C1
100uF/100V
Vout
AP1512/A
1
5
2
4
3
Vin
SD
OUTPUT
FB
GND
0.1u
C3
470uF/16V
C7
(2) Fixed Type Circuit
A. VIN = 10V~60V, VOUT = 5V, IOUT = 0.7A~2A, IOUT below 0.7A DCM
L1
47uH
1
2
Vin
C2
1u
D1
B360/B
ON/OFF
C1
100uF/100V
Vout
AP1512/A
1
5
2
4
3
Vin
SD
OUTPUT
FB
GND
10n
C3
470uF/16V
C7
AP1512/A
Document number: DS31093 Rev.7 - 4
2 of 12
www.diodes.com
May 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com