Electronic Components Datasheet Search
  English  ▼

X  

A04A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # A04A
Description  IDC SOCKET SINGLE ROW (NARROW TYPE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

A04A Datasheet(HTML) 1 Page - DB Lectro Inc

  A04A Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A04-a
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714
DB LECTRO Inc.


Similar Part No. - A04A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A04 DBLECTRO-A04 Datasheet
221Kb / 1P
IDC SOCKET SINGLE ROW
logo
XP Power Limited
A04 XPPOWER-A04 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Frontier Electronics.
A04-LFR FRONTIER-A04-LFR Datasheet
131Kb / 2P
1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Barry
A0400-20-3X BARRY-A0400-20-3X Datasheet
133Kb / 1P
BeO
Rev.A 03/04/10
A0400-40-3X BARRY-A0400-40-3X Datasheet
139Kb / 1P
BeO 4 dB FLANGED ATTENUATOR
Rev. A
More results

Similar Description - A04A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A01B DBLECTRO-A01B Datasheet
214Kb / 1P
IDC SOCKET
A04 DBLECTRO-A04 Datasheet
221Kb / 1P
IDC SOCKET SINGLE ROW
A04B DBLECTRO-A04B Datasheet
114Kb / 1P
IDC SOCKET SINGLE ROW (SLIM TYPE)
A05 DBLECTRO-A05 Datasheet
258Kb / 1P
IDC SOCKET
A34 DBLECTRO-A34 Datasheet
322Kb / 1P
SINGLE ROW EDGE CARD IDC TYPE
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
IDC IDC CABLE SOCKET
logo
Yamaichi Electronics Co...
NFS-10A-0110BF YAMAICHI-NFS-10A-0110BF Datasheet
47Kb / 1P
IDC Type Socket (1.27mm Pitch)
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
IDC IDC CABLE SOCKET
logo
Assmann Electronics Inc...
AWP-14-7541-T ASSMANN-AWP-14-7541-T Datasheet
345Kb / 1P
IDC Socket
AWP-30-7241-T ASSMANN-AWP-30-7241-T Datasheet
184Kb / 1P
IDC Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com