Electronic Components Datasheet Search
  English  ▼

X  

AP2151AS-13 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2151AS-13
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2151AS-13 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2151AS-13 Datasheet HTML 3Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 4Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 5Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 6Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 7Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 8Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 9Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 10Page - Diodes Incorporated AP2151AS-13 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AP2151A
Document number: DS37615 Rev. 2 - 2
7 of 18
www.diodes.com
January 2018
© Diodes Incorporated
AP2151A
Typical Performance Characteristics (Cont.)
UVLO Increasing
1ms/div
UVLO Decreasing
10ms/div
Turn-On Time vs Input Voltage
0
100
200
300
400
500
600
700
800
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Turn-Off Time vs Input Voltage
28
28
29
29
30
30
31
31
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Rise Time vs Input Voltage
0
100
200
300
400
500
600
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Fall Time vs Input Voltage
19
20
21
22
23
24
25
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
CL = 1µF
RL = 10Ω
TA = +25°C
TA = +25°C
CL = 22µF
RL = 10Ω
TA = +25°C
CL = 22µF
RL = 10Ω
CL = 1µF
RL = 10Ω
TA = +25°C
CL = 1µF
RL = 10Ω
TA = +25°C
CL = 1µF
RL = 10Ω
TA = +25°C
VIN
2V/div
VIN
2V/div
IOUT
200mA/div
IOUT
200mA/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com