Electronic Components Datasheet Search
  English  ▼

X  

AP22652 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP22652
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22652 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP22652 Datasheet HTML 1Page - Diodes Incorporated AP22652 Datasheet HTML 2Page - Diodes Incorporated AP22652 Datasheet HTML 3Page - Diodes Incorporated AP22652 Datasheet HTML 4Page - Diodes Incorporated AP22652 Datasheet HTML 5Page - Diodes Incorporated AP22652 Datasheet HTML 6Page - Diodes Incorporated AP22652 Datasheet HTML 7Page - Diodes Incorporated AP22652 Datasheet HTML 8Page - Diodes Incorporated AP22652 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
1 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
Description
The AP22652, AP22653, AP22652A, and AP22653A are single-
channel, precision-adjustable, current-limited switches optimized for
applications that require precision current limiting, or to provide up to
2.1A of continuous load current during heavy loads/short circuits.
These devices offer a programmable current-limit threshold between
125mA and 2665mA (typ) via an external resistor. Current-limit
accuracy ±10% can be achieved at high current-limit settings. The
rise and fall times are controlled to minimize current surges during
turn on/off.
The devices have fast short-circuit response time for improved overall
system robustness. They provide a complete protection solution for
applications subject to heavy capacitive loads and the prospect of
short circuit, offering reverse-current blocking and limiting,
overcurrent, overtemperature, and short-circuit protection, as well as
controlled rise time and undervoltage lockout functionality. A 6ms
deglitch capability on the open-drain flag output prevents false
overcurrent reporting and does not require any external components.
The AP22652 and AP22653 limit the output current to a safe level
when the output current exceeds current-limit threshold.
The AP22652A and AP22653A provide latch-off function during
overcurrent or reverse-voltage conditions.
All devices are available in SOT26 (Type A1) and W-DFN2020-6
(Type A1) packages.
Applications
•
Set-Top Boxes
•
LCD TVs & Monitors
•
Residential Gateways
•
Laptops, Desktops, Servers, e-Readers, Printers, Docking
Stations, HUBs
Pin Assignments
Features
•
Up to 2.1A Maximum Load Current
•
Accurate Adjustable Current Limit, 125mA to 2665mA
•
±7% Accurate Adjustable Current Limit, 1.735A with RLIM = 15kΩ
•
Constant-Current (AP22652/53) During Overcurrent
•
Output Latch-Off (AP22652A/53A) at Overcurrent
•
Fast Short-Circuit Response Time: 5µs (typ)
•
Reverse Current Blocking During Shutdown and Reverse Current
Limiting During Enable
•
Operating Range: 3.0V to 5.5V
•
Built-In Soft-Start with 0.5ms Typical Rise Time
•
Overcurrent, Output Overvoltage, and Thermal Protection
•
Fault Report (FAULT) with Blanking Time
•
ESD Protection: 2kV HBM, 500V CDM
•
15kV ESD Protection per IEC61000-4-2 (With External Capacitance)
•
UL Recognized, File Number E322375, Vol. 1
•
IEC60950-1 CB Scheme Certified
•
Active-Low (AP22652/52A) or Active-High (AP22653/53A) Enable
•
Ambient Temperature Range: -40ºC to +85°C
•
SOT26 (Type A1) and W-DFN2020-6 (Type A1) Packages:
Available in “Green” Molding Compound (No Br, Sb)
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
(Top View)
SOT26 (Type A1)
OUT
IN
GND
EN
ILIM
FAULT
1
2
3
6
5
4
EN/EN
EN/EN
W-DFN2020-6 (Type A1)
(Top View)


Similar Part No. - AP22652

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22653Q DIODES-AP22653Q Datasheet
747Kb / 13P
PRECISON-ADJUSTABLE CURRENT-LIMITED AUTOMOTIVE-COMPLIANT POWER SWITCH
September 2021 Rev. 4 - 2
AP22653QW6-7 DIODES-AP22653QW6-7 Datasheet
747Kb / 13P
PRECISON-ADJUSTABLE CURRENT-LIMITED AUTOMOTIVE-COMPLIANT POWER SWITCH
September 2021 Rev. 4 - 2
More results

Similar Description - AP22652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
Precision Adjustable Current-Limited Power-Distribution Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com