Electronic Components Datasheet Search
  English  ▼

X  

AP22913 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP22913
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22913 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP22913 Datasheet HTML 1Page - Diodes Incorporated AP22913 Datasheet HTML 2Page - Diodes Incorporated AP22913 Datasheet HTML 3Page - Diodes Incorporated AP22913 Datasheet HTML 4Page - Diodes Incorporated AP22913 Datasheet HTML 5Page - Diodes Incorporated AP22913 Datasheet HTML 6Page - Diodes Incorporated AP22913 Datasheet HTML 7Page - Diodes Incorporated AP22913 Datasheet HTML 8Page - Diodes Incorporated AP22913 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP22913
Document number: DS41203 Rev. 6 - 2
1 of 17
www.diodes.com
May 2021
© Diodes Incorporated
AP22913
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
Description
The AP22913 slew rate controlled load switch is a single P-channel
MOSFET power switch designed for high-side load-switching
applications. The MOSFET has a typical RDS(on) of 54mΩ at 5V (X1-
WLB0909-4), allowing increased load current handling capacity with a
low forward voltage drop. The turn-on slew rate of the device is
controlled internally. VIN and VOUT are isolated during the OFF state
with a TRCB (True Reverse Current Blocking) feature.
The AP22913 load switch is designed to operate from 1.4V to 5.5V,
making it ideal for 1.8V, 2.5V, 3.3V, and 5V systems. The typical
quiescent supply current is only 1µA.
The AP22913 is available in the wafer level chip scale 4-pin, X1-
WLB0909-4 0.5mm pitch and standard SOT26 package.
Features
•
Wide Input Voltage Range: 1.4V to 5.5V
•
Low On-Resistance (X1-WLB0909-4):
92mΩ Typical @1.5V
76mΩ Typical @1.8V
56mΩ Typical @3.3V
54mΩ Typical @5.0V
•
High DC Current Capability up to 2A
•
Truly Reverse Current Block (TRCB)
•
Discharging Resistor on VOUT When Disabled
•
Ultra-Low Quiescent Current 1µA
•
Active-High Control Pin
Minimum 1.1V VIH of ON
•
ESD Protection:
Human Body Model: 2kV
Charged Device Model: 1kV
•
Package:
SX1-WLB0909-4 with Backside Laminate
Standard Green SOT26
0.9mm x 0.9mm, 0.5mm Ball Pitch
•
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
•
Halogen and Antimony Free. “Green” Device (Note 3)
•
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
SOT26
6
3
2
1
4
VIN
VIN
OUT
GND
ON
5
GND
Top View
Applications
•
Mobile Device and Smart Phones
•
Portable Media Devices
•
Wearable Devices
•
Advanced Notebooks, UMPC and MID
•
Portable Medical Devices
•
GPS and Navigation Equipment
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
X1-WLB0909-4
Top View
Bottom View


Similar Part No. - AP22913

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP22916 DIODES-AP22916 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
AP22916BCA4-7 DIODES-AP22916BCA4-7 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
AP22916CCA4-7 DIODES-AP22916CCA4-7 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
AP22916DCA4-7 DIODES-AP22916DCA4-7 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
AP22916ECA4-7 DIODES-AP22916ECA4-7 Datasheet
4Mb / 32P
1.3V-5.5V, 2A, 60mΩ ULTRA-LOW LEAKAGE LOAD SWITCH
March 2022 Rev. 1 - 2
More results

Similar Description - AP22913

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Diodes Incorporated
AP2280 DIODES-AP2280 Datasheet
286Kb / 9P
SINGLE CHANNEL SLEW RATE CONTROLLED LOAD SWITCH
AP2280 Rev. 2
AP2281 DIODES-AP2281 Datasheet
247Kb / 9P
SINGLE SLEW RATE CONTROLLED LOAD SWITCH
AP2281 Rev. 1
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP2281 DIODES-AP2281_09 Datasheet
284Kb / 13P
Single Slew Rate Controlled Load Switch
AP2281 Rev. 4
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Diodes Incorporated
AP22908 DIODES-AP22908 Datasheet
1Mb / 19P
1.5A SINGLE SLEW RATE CONTROLLED LOAD SWITCH
February 2023 Rev. 5 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com