Electronic Components Datasheet Search
  English  ▼

X  

AP2331TD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2331TD
Description  0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2331TD Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2331TD Datasheet HTML 1Page - Diodes Incorporated AP2331TD Datasheet HTML 2Page - Diodes Incorporated AP2331TD Datasheet HTML 3Page - Diodes Incorporated AP2331TD Datasheet HTML 4Page - Diodes Incorporated AP2331TD Datasheet HTML 5Page - Diodes Incorporated AP2331TD Datasheet HTML 6Page - Diodes Incorporated AP2331TD Datasheet HTML 7Page - Diodes Incorporated AP2331TD Datasheet HTML 8Page - Diodes Incorporated AP2331TD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP2331TD
Document number: DS40136 Rev. 1 - 2
2 of 11
www.diodes.com
October 2017
© Diodes Incorporated
AP2331TD
AP2331TD
Pin Descriptions
Pin Name
Pin Number
Functions
GND
1
GND
OUT
2
Switch Output Pin
IN
3
Voltage Input Pin
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
3
kV
ESD MM
Machine Model ESD Protection
300
V
VIN
Input Voltage Relative to GND
6.5
V
VOUT
Output Voltage Relative to GND
VIN +0.3
V
ILOAD
Maximum Continuous Load Current
Internal Limited
A
TJMAX
Maximum Junction Temperature
+150
°C
TST
Storage Temperature Range (Note 4)
-65 to +150
°C
Note:
4. UL Recognized Rating from -30°C to +70°C (Diodes Incorporated qualified TST from -65°C to +150°C).
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage Relative to GND
2.7
5.2
V
IOUT
Output Current
0
0.2
A
TA
Operating Ambient Temperature
-40
+85
C
Electrical Characteristics (@TA = +25°C, VIN = 5V, unless otherwise specified.)
Symbol
Parameter
Test Conditions (Note 5)
Min
Typ
Max
Unit
VUVLO
Input UVLO
VIN rising
2.35
—
2.65
V
IQ
Input Quiescent Current
Above UVLO, IOUT = 0
—
85
125
µA
IREV
Reverse Leakage Current
VIN = 0V, VOUT = 5V, IREV at VIN
—
0.01
0.10
µA
RDS(ON)
Switch On-resistance
VIN = 5V, IOUT = 0.2A
100
250
350
mΩ
ILIMIT
Over-load Current Limit
VIN = 5V, VOUT = 4V
0.3
0.4
0.5
A
IOS
Short-circuit Current
OUT shorted to ground
0.3
0.4
0.5
A
IROCP
Reverse-current Trigger Point
VIN = 5.0V, VOUT = 5.2V
—
0.20
0.25
A
tTRIG
Deglitch Time from Reverse Current Trigger
to MOSFET Turn Off
(Note 6)
0.5
0.7
1.0
ms
VOVP
Output Over-voltage Trip Point
(Note 7)
5.3
—
5.6
V
tOVP
Debounce Time from Output Over-voltage
to MOSFET Turn Off
—
—
15
—
µs
VREC
Recovery after Turn-off from ROCP and
OVP
—
—
101%*VIN
—
V
tON
Output Turn-on Time (Note 8)
CL = 0.1µF, RLOAD = 20Ω
(UVLO to 90% VOUT-NOM)
—
0.7
—
ms
TSHDN
Thermal Shutdown Threshold
VIN = 2.7V to 5.25V
—
+150
—
C
THYS
Thermal Shutdown Hysteresis
—
—
+20
—
C
θJA
Thermal Resistance Junction-to-Ambient
(Note 9)
SOT23
—
215
—
°C/W
SC59
—
255
—
°C/W
Notes:
5. Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account separately.
6. When reverse current triggers at IROCP = 0.20A, the reverse current is continuously clamped at IROCP for 0.7ms deglitch time until MOSFET is turned off.
7. During output over-voltage protection, the output draws approximately 60µA current.
8. Since the output turn-on slew rate is dependent on input supply slew rate, this limit is only applicable for input supply slew rate between VIN/0.2ms to
VIN/1ms.
9. Device mounted on FR-4 substrate PCB, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com