Electronic Components Datasheet Search
  English  ▼

X  

MS1224 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # MS1224
Description  CIT SWITCH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

MS1224 Datasheet(HTML) 1 Page - CIT Relay & Switch

  MS1224 Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Website: www.citswitch.com
Tel: 763-535-2339 Fax: 763-535-2194
SPECIFICATIONS
Switch Function
SPDT
Electrical Ratings
200mA @ 30VDC
Electrical Life
10,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
200 +/- 100gF
Actuator Travel
2.0 mm total
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C
MATERIALS
←RoHS COMPLIANT
Actuator
Acetal
Housing
Steel
Base
Phenolic
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
MS1224
MS1224
L9
2. Actuator Length:
L9 = 9mm
DIMENSIONS
SCHEMATIC & PC LAYOUT
MS1224


Similar Part No. - MS1224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS122076 ETC1-MS122076 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MS122078 ETC1-MS122078 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MS122079 ETC1-MS122079 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MS122080 ETC1-MS122080 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
MS122081 ETC1-MS122081 Datasheet
3Mb / 16P
HELI-COIL® Tangless® Inserts Cross-Reference
Rev.2 06/14
More results

Similar Description - MS1224

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
CIT SWITCH
A61AS6VDC.9 CIT-A61AS6VDC.9 Datasheet
144Kb / 2P
CIT SWITCH
A111AS12VDC.60 CIT-A111AS12VDC.60 Datasheet
183Kb / 2P
CIT SWITCH
ANP11F4B CIT-ANP11F4B Datasheet
374Kb / 7P
CIT SWITCH
BNP10SBQ CIT-BNP10SBQ Datasheet
295Kb / 5P
CIT SWITCH
BTNXC CIT-BTNXC Datasheet
345Kb / 5P
CIT SWITCH
CH1NAS CIT-CH1NAS Datasheet
182Kb / 2P
CIT SWITCH
CS1211 CIT-CS1211 Datasheet
111Kb / 1P
CIT SWITCH
J0982AS3VDC.60 CIT-J0982AS3VDC.60 Datasheet
166Kb / 2P
CIT SWITCH
J0991AS3VDC.45 CIT-J0991AS3VDC.45 Datasheet
173Kb / 2P
CIT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com