Electronic Components Datasheet Search
  English  ▼

X  

LM16 Datasheet(PDF) 2 Page - Cree, Inc

Part # LM16
Description  LED MR16 Lamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LM16 Datasheet(HTML) 2 Page - Cree, Inc

  LM16 Datasheet HTML 1Page - Cree, Inc LM16 Datasheet HTML 2Page - Cree, Inc LM16 Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specifications
CONSTRUCTION & MATERIALS
• Durable die-cast aluminum housing with lens protects LEDs and
optical system.
• Fanless housing design and smart thermal circuit design with
embedded intelligent software properly monitors the operating
temperature range.
• Housing is ANSI form factor compliant for halogen lamps.
OPTICAL SYSTEM
• Single LED source.
• Proprietary in-house designed lens is available in three beam angles of
17° Spot, 25° Flood and 40° Wide Flood.
• Lens effectively eliminates surface glare and adds a pleasant touch of
soft backlight.
ELECTRICAL SYSTEM
• Power Factor > 0.9 nominal
• Input Voltage: 12Vac
• Dimming: 5%; see dimmer compatibility page
REGULATORY & VOLUNTARY QUALIFICATIONS
• cULus Listed
Photometry
LM16-50-30K-25D BASED ON CESTL-2012-0075
Reference www.cree.com/lighting
for detailed photometric data.
Zonal Lumen Summary
Zone
Lumens
% Lamp
0-30
493
86%
0-40
535
93%
0-60
560
97%
0-90
600
3%
Intensity (Candlepower)
Summary
Angle
Mean CP
2650
2265
15°
735
25°
191
35°
54
45°
15
55°
9
65°
6
75°
5
85°
4
90°
3
90°
90°
75°
60°
45°
30°
15°
2,700
1,800
900
Transformer Compatibility
TRANSFORMER
(Connected with one lamp)
LM16 50W EQ
LM16 35W EQ
Ambiance Lighting 9454-12
No Flicker
No Flicker
BEI B0344F-4 REV.5
No Flicker
No Flicker
Con-Tech LA2075N
No Flicker
No Flicker
Con-Tech LVT-300
No Flicker
No Flicker
DS&L WH-601E2N
No Flicker
No Flicker
Eurofase 0086
No Flicker
No Flicker
Fulham PET-120-12-60
No Flicker
No Flicker
Hatch IS12-75
No Flicker
No Flicker
Hatch RS12-60M
No Flicker
No Flicker
Hatch RS12-80M
No Flicker
No Flicker
Hatch RS12-300
No Flicker
No Flicker
Hopestar LT-60S
No Flicker
No Flicker
Juno TL601E-75
No Flicker
No Flicker
Juno TL601E-60
No Flicker
No Flicker
Lightech LET 60
No Flicker
No Flicker
Lightech LET 60-LW
No Flicker
No Flicker
Lightech LET 75
No Flicker
No Flicker
Lightech LET 105
No Flicker
No Flicker
Linogene WH601E6A3
No Flicker
No Flicker
MDL 316-0003
No Flicker
No Flicker
Sea Gull 96223S-15
No Flicker
No Flicker
Sebco EE052
No Flicker
Not Compatible
Symban SY-75
No Flicker
Not Compatible
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
4.0 ft
6.0 ft
8.0 ft
10.0 ft
642.7 fc
160.7 fc
71.4 fc
40.2 fc
25.7 fc
0.8 ft
1.5 ft
2.3 ft
3.1 ft
3.8 ft
2.0 ft
Illuminance at a Distance
Center Beam fc
Beam Width
LM16
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
©2012Cree,Inc.and/oroneofitssubsidiaries.Allrightsreserved.Forinformational
purposes only. See www.cree.com/patents for patents that cover these products.
Cree® and the Cree logo are registered trademarks of Cree, Inc. or one of its
subsidiaries. Any other trademarks, product and/or company names mentioned in
this document are the property of their respective owners.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com