Electronic Components Datasheet Search
  English  ▼

X  

9531 Datasheet(PDF) 3 Page - Cree, Inc

Part # 9531
Description  LED MR16 Lamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

9531 Datasheet(HTML) 3 Page - Cree, Inc

  9531 Datasheet HTML 1Page - Cree, Inc 9531 Datasheet HTML 2Page - Cree, Inc 9531 Datasheet HTML 3Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DIMMER/SERIES
MODEL
NUMBER
BEI
B0344F-4
REV.5
Con-Tech
LA2075N
Con-Tech
LVT-300
Fulham
PET-120-12-60
Hatch
RS12-60M
Hatch
RS12-300
Juno
TL601E-75
Lighttech
LET 60
Lighttech
LET 60-LW
Lighttech
LET 75
Sea Gull
96223S-15
Cooper
DI06P
Not compatible
Cooper
DE06P
84% to 4%
1 or 3 lamps only,
Dimming 87%
to 7%
Cooper
SI06P
95% to 0%
Cooper
9531
3 lamps only,
Dimming 75%
to 1%
3 lamps only,
Dimming 63%
to 0%
Leviton
IPE04-1LZ
1, 2 or 3 lamps,
Dimming 98%
to 9%
1, 2 or 3 lamps,
Dimming 97%
to 8%
1, 2 or 3 lamps,
Dimming 98%
to 8%
Lutron
NLV-600
94% to 1%
Lutron
NTELV-600
1, 2 or 3 lamps,
Dimming 89%
to 3%
1, 2 or 3 lamps,
Dimming 92%
to 2%
1 or 3 lamps only,
Dimming 89%
to 1%
Lutron
RRD-6NA
1, 2 or 3 lamps,
Dimming 88%
to 0%
1, 2 or 3 lamps,
Dimming 91%
to 0%
1 lamp only,
Dimming 100%
to 0%
1 lamp only,
Dimming 90%
to 0%
1 lamp only,
Dimming 90%
to 0%
2 lamps only,
Dimming 86%
to 0%
Lutron Grafik Eye
GRX-3104-T
ELVI-1000
87% to 0%
85% to 0%
83% to 0%
Lutron Grafik Eye
GRX-3104-T
PHPM-PA-120
95% to 0%
2 or 3 lamps,
Dimming 94%
to 0%
2 or 3 lamps,
Dimming 93%
to 0%
Wattstopper
SDMLV-603
93% to 1%
Transformer & Dimmer Compatibility for LM16 Lamp*
Number of allowable connected lamps and dimming range, for 50W eq lamps only.
*The presence of a dimmer on this chart is not a guarantee or warranty of the compatibility of the LM16 in any particular installation. The absence of a dimmer from
this chart does not necessarily imply incompatibility. Please reference the dimmer manufacturer’s instructions for installation and further product information.
T
(800) 236-6800 F (262) 504-5415
www.cree.com/lighting
© 2012 Cree, Inc. and/or one of its subsidiaries. All rights reserved. For informational purposes only. See www.cree.com/lighting
for patent and warranty information. Cree® and the Cree logo are registered trademarks of Cree, Inc. or one of its subsidiaries. Any
other trademarks, product and/or company names mentioned in this document are the property of their respective owners.
Rev. Date 12/31/2012
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com