Electronic Components Datasheet Search
  English  ▼

X  

PCD215AC8 Datasheet(PDF) 4 Page - Picker Components

Part # PCD215AC8
Description  Surface Mount Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCD215AC8 Datasheet(HTML) 4 Page - Picker Components

  PCD215AC8 Datasheet HTML 1Page - Picker Components PCD215AC8 Datasheet HTML 2Page - Picker Components PCD215AC8 Datasheet HTML 3Page - Picker Components PCD215AC8 Datasheet HTML 4Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 4
PCD210-440
PCD210-440
-30
0
20
40
60
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Ambient Temperature Ta ( C)
Input Voltage vs.
Ambient Temperature
10
20
30
40
50
60
0
10
20
30
40
50
60
70
80
90
100
Input Voltage (VDC)
Input Current vs.
Input Voltage
80
o
CHARACTERISTIC CURVES
PART NUMBER
CURRENT RATING
AC VOLTAGE RATING
PCD210AC8
10 AMPS
250 VAC
PCD215AC8
15 AMPS
250 VAC
PCD225AC8
25 AMPS
250 VAC
PCD240AC8
40 AMPS
250 VAC
PCD425AC8
25 AMPS
480 VAC
PCD440AC8
40 AMPS
480 VAC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com