Electronic Components Datasheet Search
  English  ▼

X  

PTRA Datasheet(PDF) 1 Page - Picker Components

Part # PTRA
Description  30 AMP Power PCB Relay With AC Coils
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PTRA Datasheet(HTML) 1 Page - Picker Components

  PTRA Datasheet HTML 1Page - Picker Components PTRA Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
30 AMP Power PCB Relay With AC Coils
FEATURES
New power PCB relay with AC Coils
Up to 30 amp switching capacity
From 12 to 220 volt AC coils
Up to 2 horsepower rating
UL Class F insulation standard
Available with UL 873 spacing
PTRA
Epoxy sealed, immersion cleanable
Load Type
General Purpose
Resistive ( 100,000 cycles)
Motor ( 30,000 cycles )
LRA/FLA
Voltage
120 VAC
240 VAC
30 VDC
240 VAC
120 VAC
240 VAC
120 VAC
1 Form A
30 A
30 A
20 A
2 HP
1 HP
80 A/30 A
98 A/22 A
15 A
15 A
10 A
1 Form C (SPDT)
NO
NC
20 A
10 A
20 A
10 A
20 A
10 A
2 HP
1 HP
UL/CSA RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgCdO (Silver Cadmium Oxide), AgSnOInO (Silver Tin Indium Oxide)
50 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
CHARACTERISTICS
Operate Time
20 ms. max
Release Time
Insulation Resistance
15 ms. max
1,000 megohms min, at 500 VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between open contacts
1500 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5mm, 10-55 Hz
Power Consumption
0.9W, approx.
Ambient Temperature Range
-55 degrees C to 105 degrees C operating, -55 to 155 degrees C storage
Weight
30 grams approx.
120 VAC
240 VAC
30 A
30 A
50 A/20 A
20 A
20 A
Operations
Operations
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
.5 HP
.25 HP
15 A
15 A
30 A/10 A
10 A
10 A
.5 HP
.25 HP
20 A/7 A
File # E93379
(locked rotor amps/full load amps)
(SPST-NO)
1 Form B
(SPST-NC)
30 A/10 A
50 A/20 A
20 A/7 A
PTRA Rev C 3-25-04
PAGE 1


Similar Part No. - PTRA

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PTRA-1114-12 OMEGA-PTRA-1114-12 Datasheet
216Kb / 2P
Ceramic Thermocouple Protection Tubes
PTRA-1114-18 OMEGA-PTRA-1114-18 Datasheet
216Kb / 2P
Ceramic Thermocouple Protection Tubes
PTRA-1114-24 OMEGA-PTRA-1114-24 Datasheet
216Kb / 2P
Ceramic Thermocouple Protection Tubes
PTRA-11618-12 OMEGA-PTRA-11618-12 Datasheet
216Kb / 2P
Ceramic Thermocouple Protection Tubes
PTRA-11618-18 OMEGA-PTRA-11618-18 Datasheet
216Kb / 2P
Ceramic Thermocouple Protection Tubes
More results

Similar Description - PTRA

ManufacturerPart #DatasheetDescription
logo
Picker Components
PTRA-T PICKER-PTRA-T Datasheet
90Kb / 2P
30 AMP Panel Mount or PCB Power Relay With AC Coils
PTRH PICKER-PTRH Datasheet
156Kb / 2P
30 AMP Power PCB Relay
PTRA PICKER-PTRA_14 Datasheet
304Kb / 2P
40 AMP Power PCB Relay With AC Coils
PTRA-T PICKER-PTRA-T_14 Datasheet
314Kb / 2P
30 AMP Panel Mount or PCB Power Relay With Ac Coils
PTRH-14 PICKER-PTRH-14 Datasheet
131Kb / 2P
30 AMP Power PCB Relay
PTRH PICKER-PTRH_15 Datasheet
320Kb / 2P
30 Amp Power PCB Relay
PTRH-OT PICKER-PTRH-OT_16 Datasheet
1Mb / 3P
30 Amp Power PCB Relay
PTRH-T PICKER-PTRH-T_15 Datasheet
272Kb / 2P
30 Amp Power PCB Relay
PTRH PICKER-PTRH_17 Datasheet
3Mb / 3P
30 Amp Power PCB Relay
PTRH-T PICKER-PTRH-T_17 Datasheet
1Mb / 4P
30 Amp Power PCB Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com