Electronic Components Datasheet Search
  English  ▼

X  

PC236A Datasheet(PDF) 1 Page - Picker Components

Part # PC236A
Description  Subminiature Automotive PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC236A Datasheet(HTML) 1 Page - Picker Components

  PC236A Datasheet HTML 1Page - Picker Components PC236A Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature Automotive PCB Power Relay
FEATURES
Subminiature design
1 A (SPST NO) and 1 C (SPDT) contact forms available
Larger contact gap available for heavy motor loads
Contact switching capacity up to 60 Amps
85 degrees C operating temperature
Industry standard 1/2 size terminal layout
PC236A
Max. Switching Voltage
16 VDC
1 Form A or 1 Form C
CONTACT RATINGS
CHARACTERISTICS
Operate Time
10 ms. typical
Release Time
Insulation Resistance
5 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1250 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 10 - 55 Hz
Power Consumption
Standard: 0.6 W; Large Gap: 0.8 W
Ambient Temperature Range
-30 to 85 degrees C operating, -40 to 100 storage
Weight
6 grams approx.
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC236A Rev B 4-13-04
PAGE 1
Sealed, immersion cleanable
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 10 5
Operations
Operations
SPST NO or SPDT
Contact Form
Max Switching Current
Break 20 Amps
Make 60 Amps
35 A for 10 Min; 25 A for 1 hr.
AgNiO 15 (Silver Nickel Oxide 15%)
Max. Continuous Current
Minimum Load
0.1 A @ 12 VDC
Drop Resistance
1 Meter height drop on concrete
ORDERING INFORMATION
Example:
PC236A
Model
-12
Coil Voltage
Insulation System
-1C
Nil: Class B (125 degrees C); F: Class F (155 degrees C)
Contact Form
F
Nil: Standard; G: Large Gap
Contact Gap
-G
1A or 1C


Similar Part No. - PC236A

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC236A-12 PICKER-PC236A-12 Datasheet
173Kb / 2P
Microminiature Surface Mount Signal Relay
PC236A-12L1 PICKER-PC236A-12L1 Datasheet
173Kb / 2P
Microminiature Surface Mount Signal Relay
PC236A-12L2 PICKER-PC236A-12L2 Datasheet
173Kb / 2P
Microminiature Surface Mount Signal Relay
More results

Similar Description - PC236A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G8SN ETC-G8SN Datasheet
39Kb / 2P
SubMiniature Automotive PCB Relay
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
HG4181 ETC1-HG4181 Datasheet
53Kb / 2P
Automotive Subminiature PCB Power Relay
logo
Picker Components
PC635 PICKER-PC635 Datasheet
187Kb / 2P
Subminiature Automotive PCB Power Relay
PC517 PICKER-PC517 Datasheet
196Kb / 2P
Automotive Subminiature PCB Power Relay
PC558 PICKER-PC558 Datasheet
174Kb / 2P
Subminiature Automotive PCB Twin Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Picker Components
PC517 PICKER-PC517_14 Datasheet
205Kb / 2P
Automotive Subminiature PCB Power Relay
PC517 PICKER-PC517_17 Datasheet
582Kb / 2P
Automotive Subminiature PCB Power Relay
logo
Sanyou Corporation Limi...
SARK SANYOU-SARK Datasheet
212Kb / 3P
Subminiature PCB Automotive Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com