Electronic Components Datasheet Search
  English  ▼

X  

PC323 Datasheet(PDF) 1 Page - Picker Components

Part # PC323
Description  Subminiature PCB Telecom Relay With Bifurcated Contacts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC323 Datasheet(HTML) 1 Page - Picker Components

  PC323 Datasheet HTML 1Page - Picker Components PC323 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature PCB Telecom Relay With Bifurcated Contacts
FEATURES
Subminiature design
DIL Package for PC board or socket
Meets FCC part 68 voltage surge
Contact capacity from 1 mA to 2 A
Class "B" insulation standard
Three coil sensitivities available
PC323
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC323 Rev B 4-8-04
PAGE 1
Bifurcated crossbar contacts
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgPd + Au (Silver Palladium + Gold Clad)
1 X 105
1 X 10 8
Operations
Operations
File # E86876
AgNi + Au (Silver Nickle + Gold Clad)
50 mOhm max @ 1mA, 20mV, 1KHz, meets DIN 4160 part 4
Type
Resistance
Ohms
Must Operate
Voltage Max.
(VDC)
Allowable
Operating
Voltage Range
Coil
Voltage
Hold
Voltage
Must
Release
Voltage
COIL DATA
Standard
0.45 W
H
Sensitive
0.2 W
L
Sensitive
0.15 W
3
5
6
12
24
48
5
6
9
12
24
48
3
5
6
12
24
48
20
2.1
3.3
4.0
8.0
15.9
33.0
3.5
4.2
6.3
8.4
16.8
33.6
2.1
3.5
4.2
8.4
16.8
33.6
1.0
1.25
1.5
3
6
12
1.25
1.5
6.75
9
18
38
1.125
1.25
1.5
3
6
12
0.3
0.5
0.6
1.2
2.4
4.8
0.5
0.6
0.9
1.2
2.4
4.8
0.15
0.25
0.3
0.6
1.2
2.4
56
80
320
1280
5000
125
180
405
720
2880
11520
60
167
240
960
2880
7680
2.1 - 7.0
3.3 -7.8
4.0 - 9.7
8.0 - 19.4
15.9 - 37.6
33.0 - 74.2
3.5 - 12.5
4.2 - 15.0
6.3 - 27.5
8.4 - 30
16.8 - 60
33.6 - 121.4
2.1 - 13.5
3.5 - 15
4.2 - 18
8.4 - 35.6
16.8 - 60
33.6 - 80
Note: Custom coil voltages within the ranges shown are available on special order.
ORDERING INFORMATION
Example:
PC323
Model
-12
Contact Material
Nil: AgNi + Au; P: AgPd + Au
Sensitivity
P
Nil: Standard .450 W; H: 0.2 W; L: 0.15 W
Coil Voltage
H
+ 10%
Switching Current Range
Max. Continuous Current
2 Amps
2 Form C
CONTACT RATINGS
DPDT (crossbar contacts)
Contact Form
Switching Voltage Range
10 mVAC - 250VAC; 10 mVDC - 220 VDC
1 mA to 2 A
Switching Power Range
10 micro W to 30 W / 62.5 VA
UL Rated Loads
1A / 24 VDC 0.5A / 125 VAC


Similar Part No. - PC323

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC323S PICKER-PC323S Datasheet
177Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323S-12 PICKER-PC323S-12 Datasheet
177Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323S-12H PICKER-PC323S-12H Datasheet
177Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323S-12L PICKER-PC323S-12L Datasheet
177Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323S-12P PICKER-PC323S-12P Datasheet
177Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
More results

Similar Description - PC323

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC323S PICKER-PC323S Datasheet
177Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324 PICKER-PC324 Datasheet
176Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324S PICKER-PC324S Datasheet
176Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323 PICKER-PC323_14 Datasheet
135Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC323S PICKER-PC323S_14 Datasheet
247Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324 PICKER-PC324_14 Datasheet
245Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324S PICKER-PC324S_14 Datasheet
246Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC332 PICKER-PC332_16 Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324 PICKER-PC324_17 Datasheet
551Kb / 2P
Subminiature PCB Signal Relay With Bifurcated Contacts
PC332 PICKER-PC332_17 Datasheet
3Mb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com