Electronic Components Datasheet Search
  English  ▼

X  

PC354 Datasheet(PDF) 2 Page - Picker Components

Part # PC354
Description  25 Amp Minature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC354 Datasheet(HTML) 2 Page - Picker Components

  PC354 Datasheet HTML 1Page - Picker Components PC354 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC354
PC354
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Dimensions in Inches (millimeters)
(6.25)
.246
(5.75)
.226
.472
(12)
(22)
.866
(27.6)
1.087
(16.0)
.630
(30.5)
1.20
(26.5)
1.04
(0.3)
.012
(1.6)
.063
(4.0)
.157
(10)
.39
(23.5)
.925
(6.35)
.250
(0.8)
.032
Bottom View
PC Board Layout
Wiring Diagram
PC Version
QC + PC Version
COIL DATA
Coil Voltage
5
6
9
12
24
48
110
Resistance
ohms + 10%
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
Continuous
Voltage Max.
(VDC)
27.7
40
90
160
640
2560
13440
3.75
4.5
6.75
9.0
18.0
36.0
82.5
0.5
0.6
0.9
1.2
2.4
4.8
11.0
5.5
6.6
9.9
13.2
26.4
52.8
121.0
_
Note: Custom coil voltages within the ranges shown are available on special order.
(2.0)
.079



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com