Electronic Components Datasheet Search
  English  ▼

X  

IRLML2244 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IRLML2244
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

IRLML2244 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  IRLML2244 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML2244 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML2244 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML2244 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML2244 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
-20V P-Channel Enhancement Mode MOSFET
Description
General Features
Application
●
●
●
D
G
S
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
A5SHB
SOT-23
Ø180mm
8 mm
3000 units
Dimensions SOT-23
Pin Configuration
Rev : 01.0
7.2021
1/
www.leiditech.com
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
5
The IRLML2244 uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
VDS = -20V ID =-4.9A
RDS(ON) < 38mΩ @ VGS=-4.5V
Battery protection
Load switch
Uninterruptible power supply
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±
12
V
ID@TA=25℃
Continuous Drain Current, VGS @ -4.5V1
-4.9
A
ID@TA=70℃
Continuous Drain Current, VGS @ -4.5V1
-3.9
A
IDM
Pulsed Drain Current2
-14
A
PD@TA=25℃
Total Power Dissipation3
1.31
W
PD@TA=70℃
Total Power Dissipation3
0.84
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Thermal Resistance Junction-Ambient 1
120
℃
/W
RθJA
Thermal Resistance Junction-Ambient 1 (t
≤10s)
95
℃
/W
IRLML2244
IRLML2244


Similar Part No. - IRLML2244

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLML2244 UMW-IRLML2244 Datasheet
513Kb / 8P
System/Load Switch
logo
EVER SEMICONDUCTOR CO.,...
IRLML2244 EVVOSEMI-IRLML2244 Datasheet
383Kb / 8P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLML2244PBF IRF-IRLML2244PBF Datasheet
240Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
Compatible with existing Surface Mount Techniques
logo
Guangdong Youtai Semico...
IRLML2244TR UMW-IRLML2244TR Datasheet
513Kb / 8P
System/Load Switch
More results

Similar Description - IRLML2244

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com