Electronic Components Datasheet Search
  English  ▼

X  

IRLML9303 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IRLML9303
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

IRLML9303 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  IRLML9303 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML9303 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML9303 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML9303 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML9303 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML9303 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The
uses advanced trench technology
to provide excellent RDS(ON), low gate charge
and operation with gate voltages as low as 2.5V.
This device is suitable for use as a load switch or
in PWM applications.
Features
VDS
-30V
ID
(at VGS=-10V)
-5.0A
RDS(ON) (at VGS=-10V)
50mΩ(Max)
RDS(ON) (at VGS=-4.5V)
65mΩ(Max)
RDS(ON) (at VGS=-2.5V)
90mΩ(Max)
Absolute Maximum Ratings TA=25°C unless otherwise noted
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
TC=25°C
I
D
-5.0
A
TC=100°C
I
D
-3.5
A
Drain Current – Pulsed
IDM
-20
A
Maximum Power Dissipation
P
D
2.1
W
Junction and Storage Temperature Range
T
J,TSTG
-55 To 150
℃
Thermal Characteristics
Parameter
Symbol
Typ
Max
Unit
Thermal Resistance junction-case
R
θJc
1.1
℃
/W
Thermal Resistance unction-to-Ambient
R
θJA
60
℃
/W
G
D
S
G
D
S
SOT23
Enhancement Mode Power MOSFET
P-Channel
Rev :
www.leiditech.com
01.06.2018
1/6
IRLML9303
IRLML9303


Similar Part No. - IRLML9303

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLML9303 UMW-IRLML9303 Datasheet
470Kb / 8P
Industry-standard pinout
logo
EVER SEMICONDUCTOR CO.,...
IRLML9303 EVVOSEMI-IRLML9303 Datasheet
354Kb / 8P
MOSFET
Rev:2023A2
logo
International Rectifier
IRLML9303PBF IRF-IRLML9303PBF Datasheet
206Kb / 10P
Compatible with existing Surface Mount Techniques
IRLML9303PBF IRF-IRLML9303PBF_15 Datasheet
206Kb / 10P
Compatible with existing Surface Mount Techniques
logo
Guangdong Youtai Semico...
IRLML9303TR UMW-IRLML9303TR Datasheet
470Kb / 8P
Industry-standard pinout
More results

Similar Description - IRLML9303

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com