Electronic Components Datasheet Search
  English  ▼

X  

FTG2-SLP Datasheet(PDF) 1 Page - STMicroelectronics

Part # FTG2-SLP
Description  Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO Panels
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FTG2-SLP Datasheet(HTML) 1 Page - STMicroelectronics

  FTG2-SLP Datasheet HTML 1Page - STMicroelectronics FTG2-SLP Datasheet HTML 2Page - STMicroelectronics FTG2-SLP Datasheet HTML 3Page - STMicroelectronics FTG2-SLP Datasheet HTML 4Page - STMicroelectronics FTG2-SLP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
True multi-touch
–
Independent XY tracking with 10 simultaneous touches in real time
–
Supports 21TX and 40RX channels and 1 FLOAT pin
•
Single chip solution
–
Supports 5.5 inch to 7 inch screen size with 4mm sensor pitch
–
Supports thin flexible touch-display highly capacitive panel types
–
Supports LTPO display panels with dynamic refresh rates
•
Advanced Analog Front End (AFE)
–
Simultaneous mutual sensing and self-sensing support on all the channels
–
Support for thin flexible touch display modules through proprietary node
compensation hardware
–
Differential architecture with ability to configure in single-ended mode
–
Multiple scanning methods with multi-TX drive for high SNR and provide
high noise immunity
–
High drive capability charge-pump to drive high capacitive panels
•
High SNR
–
Very low intrinsic noise to improve the device SNR and provide very high
sensitivity
–
Extremely strong common mode charger noise rejection
–
Advanced filtering techniques for high noise immunity
•
SYNC support
–
Supports SYNC Mode and Non-SYNC Mode of operation
–
Supports single SYNC pin that can be used as VSYNC, HSYNC or
Embedded VSYNC
–
Useful for quad high definition display synchronization during both mutual-
sensing and self-sensing
–
Seamless support of variable display rate from 1Hz to 120Hz
•
Digital Core and Memory
–
ARM M4 core 96MHz core clock to implement all features with faster
processing
–
192KB Flash with GPIO6 dedicated pin for Flash Write enable for TEE
framework
–
Advanced differential data processing for common mode noise immunity
–
128KB RAM comprised of 64KB frame memory and 64KB data)
•
Advanced Features
–
Multi finger thick gloves, 2.5mm passive stylus, wet finger touch, water
rejection, cover mode support
–
Finger separation ≤ 10mm
–
Capacitive proximity of 20mm
•
Fast report rate
–
Flexible Report rate of 240Hz
•
Low Power
–
ST proprietary Hardware and Firmware techniques to achieve low power
Product status link
FTG2-SLP
Product summary
Order code
FTG2-SLP
Package
XFBGA87
(4.2x7x0.5mm
pitchx0.47mm max
thickness)
Packing
Tape and Reel
Channels
40 Rx and 21 Tx
Capacitive Multi-Touch Screen Controller for Thin Flexible Panels and LTPO
Panels
FTG2-SLP
Data brief
DB4705 - Rev 1 - May 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - FTG2-SLP

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FTG MSYSTEM-FTG Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG-10-K MSYSTEM-FTG-10-K Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG-10-K/Q MSYSTEM-FTG-10-K/Q Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG-10-L MSYSTEM-FTG-10-L Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FTG-10-L/Q MSYSTEM-FTG-10-L/Q Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FTG2-SLP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TIP-3526PCS-8 VISHAY-TIP-3526PCS-8 Datasheet
113Kb / 9P
Infrared Touch Panels
05-Dec-00
TIP VISHAY-TIP Datasheet
87Kb / 4P
Infrared Touch Panels
05-Dec-00
logo
Diodes Incorporated
AP386X DIODES-AP386X Datasheet
649Kb / 16P
Superior Multi-touch Capacitive Touch Screen Controller
Rev 1
logo
BCD Semiconductor Manuf...
AUR3852 BCDSEMI-AUR3852 Datasheet
874Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
CS5519 BCDSEMI-CS5519 Datasheet
372Kb / 17P
Enhanced Multi-touch Capacitive Touch Screen Controller
AP389X BCDSEMI-AP389X Datasheet
388Kb / 19P
Enhanced Multi-touch Capacitive Touch Screen Controller
logo
Pixart Imaging Inc.
PCT1339 PIXART-PCT1339 Datasheet
1Mb / 25P
Multi-Touch Capacitive Touch Controller
logo
List of Unclassifed Man...
GT928 ETC1-GT928 Datasheet
760Kb / 24P
10-Point Capacitive Touch Controller for Large-Screen Mobile Phones
FT5506 ETC2-FT5506 Datasheet
684Kb / 26P
True Multi-Touch Capacitive Touch Panel Controller
FT5X06 ETC1-FT5X06 Datasheet
4Mb / 21P
True Multi-Touch Capacitive Touch Panel Controller
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com