Electronic Components Datasheet Search
  English  ▼

X  

CAV93C76 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CAV93C76
Description  EEPROM Serial 8-Kb Microwire - Automotive Grade 1
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAV93C76 Datasheet(HTML) 2 Page - ON Semiconductor

  CAV93C76 Datasheet HTML 1Page - ON Semiconductor CAV93C76 Datasheet HTML 2Page - ON Semiconductor CAV93C76 Datasheet HTML 3Page - ON Semiconductor CAV93C76 Datasheet HTML 4Page - ON Semiconductor CAV93C76 Datasheet HTML 5Page - ON Semiconductor CAV93C76 Datasheet HTML 6Page - ON Semiconductor CAV93C76 Datasheet HTML 7Page - ON Semiconductor CAV93C76 Datasheet HTML 8Page - ON Semiconductor CAV93C76 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAV93C76
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Storage Temperature
−65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The minimum DC input voltage is −0.5 V. During transitions, inputs may undershoot to −2.0 V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5 V, which may overshoot to VCC +2.0 V for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Min
Units
NEND (Note 3)
Endurance
1,000,000
Program / Erase Cycles
TDR
Data Retention
100
Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC−Q100
and JEDEC test methods.
3. Block Mode, VCC = 5 V, 25°C
Table 3. D.C. OPERATING CHARACTERISTICS
(VCC = +2.5 V to +5.5 V, TA = −40°C to +125°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
ICC1
Supply Current (Write)
Write, VCC = 5.0 V
2
mA
ICC2
Supply Current (Read)
Read, DO open, fSK = 2 MHz, VCC = 5.0 V
500
mA
ISB1
Standby Current
(x8 Mode)
VIN = GND or VCC
CS = GND, ORG = GND
5
mA
ISB2
Standby Current
(x16 Mode)
VIN = GND or VCC
CS = GND,
ORG = Float or VCC
3
mA
ILI
Input Leakage Current
VIN = GND to VCC
2
mA
ILO
Output Leakage
Current
VOUT = GND to VCC
CS = GND
2
mA
VIL1
Input Low Voltage
4.5 V ≤ VCC < 5.5 V
−0.1
0.8
V
VIH1
Input High Voltage
4.5 V ≤ VCC < 5.5 V
2
VCC + 1
V
VIL2
Input Low Voltage
2.5 V ≤ VCC < 4.5 V
0
VCC x 0.2
V
VIH2
Input High Voltage
2.5 V ≤ VCC < 4.5 V
VCC x 0.7
VCC + 1
V
VOL1
Output Low Voltage
4.5 V ≤ VCC < 5.5 V, IOL = 3 mA
0.4
V
VOH1
Output High Voltage
4.5 V ≤ VCC < 5.5 V, IOH = −400 mA
2.4
V
VOL2
Output Low Voltage
2.5 V ≤ VCC < 4.5 V, IOL = 1 mA
0.2
V
VOH2
Output High Voltage
2.5 V ≤ VCC < 4.5 V, IOH = −100 mA
VCC − 0.2
V
Table 4. PIN CAPACITANCE (Note 4)
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT
Output Capacitance (DO)
VOUT = 0 V
5
pF
CIN
Input Capacitance (CS, SK, DI, ORG)
VIN = 0 V
5
pF
4. These parameters are tested initially and after a design or process change that affects the parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com