Electronic Components Datasheet Search
  English  ▼

X  

ADB5004P Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # ADB5004P
Description  50 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

ADB5004P Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  ADB5004P Datasheet HTML 1Page - DIOTEC Electronics Corporation ADB5004P Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
VOLTS
Maximum Reverse Current at Rated V
@ T = 25 C
@T = 125 C
I
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
Typical Thermal Resistance, Junction to Case
1
50
mA
2500
C/W
1.10
T , T
I
°C
-55 to +175
Average Forward Rectified Current @ T = 55 C
Peak Forward Surge Current. Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method). T = 175 C
Junction Operating and Storage Temperature Range
AMPS
Rating for Fusing (Non-repetitive; 1mS < t < 8.3mS
I t
50
A SEC
I
1000
600
FEATURES
Data Sheet No. BRDB-5000P-1B
MECHANICAL SPECIFICATION
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
50 AMP SILICON BRIDGE RECTIFIERS
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Series Number
V
V
V
V
SYMBOL
DB
UNITS
VOLTS
1000
400
600
800
50
100
200
400
600
800
RMS Reverse Voltage
280
420
560
35
70
140
280
420
700
560
CONTROLLED
AVALANCHE
NON-CONTROLLED
AVALANCHE
RATINGS
SERIES: DB5000P - DB5010P and ADB5004P - ADB5008P
Suffix "T" indicates FAST-ON TERMINALS
Suffix "W" indicates WIRE LEADS
E51
INCHES
MILLIMETERS
MIN
9.6
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
10.2
16.7
18.5
28.7
0.69
MIN
1.12
0.38
0.62
1.13
0.40
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.6
15.2
n/a
n/a
INCHES
MILLIMETERS
MIN
9.6
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
10.2
18.5
11.9
28.7
0.43
MIN
1.12
0.38
0.69
1.13
0.40
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
D3
D1
D1
BL
HOLE FOR
#8 SCREW
D2
BL
BH
LT
HOLE FOR
#8 SCREW
LD
LL
BH
D1
D2
BL
D1
BL
UL RECOGNIZED - FILE #E141956
+
_
+
_
ADBD-5000P-1B
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
INTEGRALLY MOLDED HEAT SINK PROVIDES VERY
LOW THERMAL RESISTANCE FOR MAXIMUM HEAT
DISSIPATION
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
V
Forward Voltage Drop (Per Diode) at 25 Amps DC
VOLTS
n/a
n/a
Mimimum Avalanche Voltage
Maximum Avalanche Voltage
V
V
1.10
1.02
Max.
Typ.
See Note 1
See Note 1
MECHANICAL DATA
Max. mounting torque = 20 in-lb.
Case:
Terminals: Round silver plated copper pins or fast-on terminals
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case
Mounting Position: Any. Through hole for #8 screw.
Weight: Fast-on Terminals - 0.7 Ounces (20.0 Grams)
Case: Molded epoxy with integral heat sink
Epoxy carries a U/L Flammability rating of 94V-0
Wire Leads - 0.55 Ounces (16.0 Grams)
RoHS COMPLIANT


Similar Part No. - ADB5004P

ManufacturerPart #DatasheetDescription
logo
Pentair Equipment Prote...
ADB500E HOFFMANPRODUCTS-ADB500E Datasheet
344Kb / 4P
GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
More results

Similar Description - ADB5004P

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SDB500 DEC-SDB500 Datasheet
305Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
GBPC50005 SECOS-GBPC50005 Datasheet
179Kb / 2P
50 AMP Glass Passivated Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRDB-5000P-1B DEC-BRDB-5000P-1B Datasheet
140Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
BSDB-5000-1B DEC-BSDB-5000-1B Datasheet
98Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB5005 GWSEMI-MB5005 Datasheet
73Kb / 2P
SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
50DBP DEC-50DBP Datasheet
140Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
50SDB DEC-50SDB Datasheet
98Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com