Electronic Components Datasheet Search
  English  ▼

X  

SN7002W Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SN7002W
Description  We declare that the material of product compliance with RoHS requirements and Halogen Free.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SN7002W Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SN7002W Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SN7002W Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SN7002W Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd SN7002W Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd SN7002W Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd SN7002W Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
6.ELRCTRICAL CHARACTERISTICS CURVES(Con.)
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
Temperataure(℃)
VGS=10V
VGS=5V
0
1
2
3
4
5
6
7
8
9
10
2
4
6
8
10
VGS, Gate-to-Source Voltage(V)
ID=500mA
ID=200mA
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
VDS, Drain-to-Source Voltage(V)
VGS=0V
Ciss
Coss
Crss
0.01
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
1
VSD, Source-to-Drain Voltage(V)
VGS=0V
85℃
25℃
RDS(on) vs. VGS
RDS(on) vs. Temperature
Capacitor vs.VDS
IS vs.VSD
Rev :
www.leiditech.com
01.06.2015
4/6
SN7002W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com