Electronic Components Datasheet Search
  English  ▼

X  

AP2501A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2501A
Description  2.5A SINGLE CHANNEL CURRENT - LIMITED POWER SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2501A Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2501A Datasheet HTML 1Page - Diodes Incorporated AP2501A Datasheet HTML 2Page - Diodes Incorporated AP2501A Datasheet HTML 3Page - Diodes Incorporated AP2501A Datasheet HTML 4Page - Diodes Incorporated AP2501A Datasheet HTML 5Page - Diodes Incorporated AP2501A Datasheet HTML 6Page - Diodes Incorporated AP2501A Datasheet HTML 7Page - Diodes Incorporated AP2501A Datasheet HTML 8Page - Diodes Incorporated AP2501A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AP2501A/AP2511A
Document number: DS37745 Rev. 4 - 2
2 of 19
www.diodes.com
November 2015
© Diodes Incorporated
AP2501A/AP2511A
Typical Applications Circuit
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
Enable Active High (AP2511A)
Available Options
Part Number
Channel
Enable Pin
(EN)
Recommended Maximum
Continuous Load Current (A)
Typical Current Limit
(A)
Package
AP2501A
1
Active Low
2.5A
3.7A
SO-8
MSOP-8
MSOP-8EP
U-DFN3030-8
U-DFN2020-6
AP2511A
1
Active High
Pin Descriptions
Pin Name
Pin Number
Function
MSOP-8EP,
U-DFN3030-8
SO-8,
MSOP-8
U-DFN2020-6
GND
1
1
2
Ground
IN
2, 3
2, 3
1
Voltage Input Pin. Connect a 0.1µF or larger ceramic capacitor from IN to
GND as close as possible. (all IN pins must be tied together externally)
EN
4
4
3
Enable Input. Active low (AP2501A) or active high (AP2511A).
FLG
5
5
4
Over-temperature and over-current fault reporting with 7ms deglitch; active
low open-drain output. FLG is disabled for 7ms after turn-on.
OUT
6, 7
6, 7
5
Voltage Output Pin (all OUT pins must be tied together externally)
NC
8
8
6
No internal connection; recommend tie to OUT pins.
Exposed Pad
Exposed Pad
Not applicable
Exposed Pad
Exposed pad. It should be externally connected to GND and thermal mass for
enhanced thermal impedance. It should not be used as electrical ground
conduction path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com