Electronic Components Datasheet Search
  English  ▼

X  

AP3171 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP3171
Description  QUICK CHARGE BUCK CONVERTER COMPATIBLE TO QUALCOMM QC 2.0
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3171 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP3171 Datasheet HTML 1Page - Diodes Incorporated AP3171 Datasheet HTML 2Page - Diodes Incorporated AP3171 Datasheet HTML 3Page - Diodes Incorporated AP3171 Datasheet HTML 4Page - Diodes Incorporated AP3171 Datasheet HTML 5Page - Diodes Incorporated AP3171 Datasheet HTML 6Page - Diodes Incorporated AP3171 Datasheet HTML 7Page - Diodes Incorporated AP3171 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP3171
Document number: DS38006 Rev. 6 - 3
3 of 8
www.diodes.com
July 2020
© Diodes Incorporated
AP3171
Functional Block Diagram
CMP
CABL
E
PHAS
E
GND
Cable
compensation
EA
PWM
Comparator
D+
D-
QC
VSE
N
C
S _AMP
OS
C
OTP
IDISCHARGE
VC
C
UVLO
Internal
Regulator
0.9V
1.2V
0.5V
1V
1.31
3V
0.57
9V
6
7
m
V
8
0
m
V
5
0
m
V
0.33V
DC
NDriver
PDriver
HVPMO
S
HVNMOS
OU
T
FB
OV
P
OUT
UV
P
Reference
switch
FB
FB _
ref switch
OV
P _ref switch
OVP
UVP
UVP _
ref switch
Bias
Ref &
OU
T
Output
UVP
Output
OVP
Absolute Maximum Ratings (Note 4)
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
-0.3 to 42
V
Voltage From PHASE to GND
VPHASE
-0.3 to 42
V
Voltage From OUT to GND
VOUT
-0.3 to 20
V
Voltage on Other Separate Pins
–
-0.3 to 6
V
Thermal Resistance (Note 5)
θJA
63
°C/W
Operating Junction Temperature
TJ
-40 to +125
°C
Storage Temperature
TSTG
-65 to +150
°C
ESD (Human Body Model)
–
2000
V
ESD (Machine Model)
–
200
V
Note:
4. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
5. Device mounted on FR-4 substrate PC board, 2oz copper, with 1 square inch pad layout.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com