Electronic Components Datasheet Search
  English  ▼

X  

AP65352 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP65352
Description  3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65352 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP65352 Datasheet HTML 1Page - Diodes Incorporated AP65352 Datasheet HTML 2Page - Diodes Incorporated AP65352 Datasheet HTML 3Page - Diodes Incorporated AP65352 Datasheet HTML 4Page - Diodes Incorporated AP65352 Datasheet HTML 5Page - Diodes Incorporated AP65352 Datasheet HTML 6Page - Diodes Incorporated AP65352 Datasheet HTML 7Page - Diodes Incorporated AP65352 Datasheet HTML 8Page - Diodes Incorporated AP65352 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP65352
Document number: DS38482 Rev. 2 - 3
1 of 15
www.diodes.com
December 2017
© Diodes Incorporated
AP65352
3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
Description
The AP65352 is an adaptive, constant on-time mode synchronous
buck converter providing high efficiency, excellent transient response
and high DC output accuracy for low-voltage regulation in digital
TVs and monitors.
The constant-on-time control scheme handles wide input/output
voltage ratios and provides low external component count. The
internal proprietary circuit enables the device to adopt both low
equivalent series resistance (ESR) output capacitors, such as
SP-CAP or POSCAP and ultra-low ESR ceramic capacitors.
The AP65352 also features programmable soft-start, UVLO, OTP,
OVP and OCP to protect the circuit.
AP65352 operates in continuous conduction mode (CCM) in light load
conditions for better EMI performance. AP65353 and AP65355 are
the options for light-load efficiency enhancement.
This IC is available in SO-8EP package.
Features
Fixed Frequency Emulated Constant On-Time Control
Good Stability Independent of the Output Capacitor ESR
Fast Load Transient Response
Synchronous Rectification: 90
mΩ Internal High-Side Switch and
57
mΩ Internal Low-Side Switch
Wide Input Voltage Range: 4.5V to 18V
Output Voltage Range: 0.76V to 6V
3A Continuous Output Current
650kHz Switching Frequency
Built-in Overcurrent Limit
Built-in Overvoltage Protection
Built-in Thermal Shutdown Protection
Programmable Soft-Start
Pre-Biased Start-Up
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
SW
VREG5
SS
EN
BST
PGND
VIN
( Top View )
1
2
3
4
8
7
6
5
FB
SO-8EP
Exposed
Pad
9
Applications
Gaming Consoles
Flat Screen TV Sets and Monitors
Set-Top Boxes
Distributed Power Systems
Home Audio
Consumer Electronics
Network Systems
FPGA, DSP and ASIC Supplies
Green Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
NOT RECOMMENDED FOR NEW DESIGN
USE AP65353


Similar Part No. - AP65352

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP65353 DIODES-AP65353 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65353SP-13 DIODES-AP65353SP-13 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65355 DIODES-AP65355 Datasheet
584Kb / 15P
650kHz ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65355FN-7 DIODES-AP65355FN-7 Datasheet
584Kb / 15P
650kHz ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
More results

Similar Description - AP65352

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2319-J-00A MPS-EV2319-J-00A Datasheet
377Kb / 6P
18V/3A, 650KHz, Step Down Converter Evaluation Board
logo
Diodes Incorporated
AP65353 DIODES-AP65353 Datasheet
1Mb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65355 DIODES-AP65355 Datasheet
584Kb / 15P
650kHz ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65450 DIODES-AP65450 Datasheet
579Kb / 15P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 2
AP65453 DIODES-AP65453 Datasheet
830Kb / 14P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 1
AP65550 DIODES-AP65550 Datasheet
622Kb / 16P
ADAPTIVE COT STEP-DOWN CONVERTER
Rev 5
AP65452 DIODES-AP65452 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
AP65454 DIODES-AP65454 Datasheet
1Mb / 13P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2017
AP65455 DIODES-AP65455 Datasheet
1Mb / 15P
4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
October 2018
AP65552 DIODES-AP65552 Datasheet
1Mb / 13P
5A, 18V, 650kHz ADAPTIVE CCM/COT STEP-DOWN CONVERTER
October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com