Electronic Components Datasheet Search
  English  ▼

X  

AP65452 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP65452
Description  4A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65452 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP65452 Datasheet HTML 1Page - Diodes Incorporated AP65452 Datasheet HTML 2Page - Diodes Incorporated AP65452 Datasheet HTML 3Page - Diodes Incorporated AP65452 Datasheet HTML 4Page - Diodes Incorporated AP65452 Datasheet HTML 5Page - Diodes Incorporated AP65452 Datasheet HTML 6Page - Diodes Incorporated AP65452 Datasheet HTML 7Page - Diodes Incorporated AP65452 Datasheet HTML 8Page - Diodes Incorporated AP65452 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP65452
Document number: DS37305 Rev. 4 - 3
3 of 13
www.diodes.com
October 2017
© Diodes Incorporated
AP65452
NOT RECOMMENDED FOR NEW DESIGN
USE AP65450
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Notes:
4. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may
be affected by exposure to absolute maximum rating conditions for extended periods of time.
5. Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Thermal Resistance (Note 6)
Symbol
Parameter
Rating
Unit
θJA
Junction to Ambient
SO-8EP
39.4
°C/W
θJC
Junction to Case
SO-8EP
8.6
°C/W
Note:
6. Test condition: SO-8: Device mounted on 2" x 2" FR-4 substrate PC board, 2oz copper with minimum recommended pad layout.
Recommended Operating Conditions (Note 7) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Supply Voltage
4.5
18.0
V
TJ
Operating Junction Temperature Range
-40
+125
°C
TA
Operating Ambient Temperature Range
-40
+85
°C
Note:
7. The device function is not guaranteed outside of the recommended operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com