Electronic Components Datasheet Search
  English  ▼

X  

IS280 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # IS280
Description  1W epoxy seal type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

IS280 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  IS280 Datasheet HTML 1Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - IS280

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
IS280 ISOCOM-IS280 Datasheet
637Kb / 10P
Half Pitch 1.27mm
IS2801-1 ISOCOM-IS2801-1 Datasheet
754Kb / 4P
IS2801-1 ( Compact Range )
IS2801-4 ISOCOM-IS2801-4 Datasheet
252Kb / 10P
Hybrid substrates that require high density mounting, Programmable controllers
More results

Similar Description - IS280

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS5-89 FUJI-EDS5-89 Datasheet
132Kb / 8P
OPTICAL PRESSURE TRANSMITTER REMOTE SEAL TYPE
EDSX5-83J FUJI-EDSX5-83J Datasheet
187Kb / 12P
REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX5-94H FUJI-EDSX5-94H Datasheet
329Kb / 12P
REMOTE SEAL TYPE PRESSURE TRANSMITTER
EDSX6-117I FUJI-EDSX6-117I Datasheet
164Kb / 12P
REMOTE SEAL TYPE DIFFERENTIAL PRESSURE TRANSMITTER
logo
STANLEY ELECTRIC CO.,LT...
DNF318U-4 STANLEY-DNF318U-4 Datasheet
181Kb / 10P
5 type, Water clear epoxy
PP801 STANLEY-PP801 Datasheet
185Kb / 9P
Concave Lenz type, Water clear epoxy
logo
Roithner LaserTechnik G...
LED435-66-60 ROITHNER-LED435-66-60 Datasheet
219Kb / 1P
epoxy lens type blue color illuminator
LED790-66-60 ROITHNER-LED790-66-60 Datasheet
114Kb / 2P
epoxy lens type Infrared illuminator
LED910-66-60 ROITHNER-LED910-66-60 Datasheet
259Kb / 1P
epoxy lens type Infrared illuminator
logo
List of Unclassifed Man...
DELPHI_12010295 ETC-DELPHI_12010295 Datasheet
127Kb / 1P
TAXI SEAL CBL 1W M/[
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com