Electronic Components Datasheet Search
  English  ▼

X  

STD30NF06LAG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD30NF06LAG
Description  Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD30NF06LAG Datasheet(HTML) 3 Page - STMicroelectronics

  STD30NF06LAG Datasheet HTML 1Page - STMicroelectronics STD30NF06LAG Datasheet HTML 2Page - STMicroelectronics STD30NF06LAG Datasheet HTML 3Page - STMicroelectronics STD30NF06LAG Datasheet HTML 4Page - STMicroelectronics STD30NF06LAG Datasheet HTML 5Page - STMicroelectronics STD30NF06LAG Datasheet HTML 6Page - STMicroelectronics STD30NF06LAG Datasheet HTML 7Page - STMicroelectronics STD30NF06LAG Datasheet HTML 8Page - STMicroelectronics STD30NF06LAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STD30NF06LAG
Electrical ratings
DocID029664 Rev 2
3/15
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
VDGR
Drain-gate voltage (RGS
= 20 kΩ)
60
V
ID
Drain current (continuous) at Tcase = 25 °C
35
A
ID
Drain current (continuous) at Tcase = 100 °C
25
IDM(1)
Drain current (pulsed)
140
A
PTOT
Total dissipation at Tcase = 25 °C
70
W
dv/dt (2)
Peak diode recovery voltage slope
25
V/ns
Tstg
Storage temperature range
-55 to 175
°C
Tj
Operating junction temperature range
Notes:
(1) Pulse width is limited by safe operating area.
(2) I
SD ≤ 35 A, di/dt ≤ 400 A/μs, VDS(peak) ≤ V(BR)DSS
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.14
°C/W
Rthj-pcb(1)
Thermal resistance junction-pcb
50
Notes:
(1) When mounted on a 1-inch² FR-4, 2 Oz copper board.
Table 4: Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not repetitive
(pulse width limited by Tjmax)
35
A
EAS
Single pulse avalanche energy
(starting Tj=25°C, ID= IAR; VDD=50 V)
150
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com