Electronic Components Datasheet Search
  English  ▼

X  

76190013 Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # 76190013
Description  LCD Color Television
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

76190013 Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button 76190013 Datasheet HTML 17Page - Toshiba Semiconductor 76190013 Datasheet HTML 18Page - Toshiba Semiconductor 76190013 Datasheet HTML 19Page - Toshiba Semiconductor 76190013 Datasheet HTML 20Page - Toshiba Semiconductor 76190013 Datasheet HTML 21Page - Toshiba Semiconductor 76190013 Datasheet HTML 22Page - Toshiba Semiconductor 76190013 Datasheet HTML 23Page - Toshiba Semiconductor 76190013 Datasheet HTML 24Page - Toshiba Semiconductor 76190013 Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
- 21 -
Location
Parts No.
Description
No.
Location
Parts No.
Description
No.
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “SERVICE SAFETY PRECAUTIONS” ON PAGE 3 OF
THIS MANUAL.
CAUTION: The international hazard symbols "
" in the schematic diagram and the parts list designate components
which have special characteristics important for safety and should be replaced only with types identical to those in
the original circuit or specified in the parts list. The mounting position of replacements is to be identical with originals.
Before replacing any of these components, read carefully the SERVICE SAFETY PRECAUTIONS. Do not degrade
the safety of the receiver through improper servicing.
NOTICE:
• The part number must be used when ordering parts, in order to assist in processing, be sure to include the
Model number and Description.
• The PC board assembly with
∗ mark is no longer available after the end of the production.
CHASSIS AND CABINET REPLACEMENT PARTS LIST
Model : 27WL55A/27WL55E/27WL55R/27WL55T
Capacitors ............. CD
:
Ceramic Disk
PF
:
Plastic Film
EL
:
Electrolytic
Resistors ............... CF
:
Carbon Film
CC
:
Carbon Composition
MF
:
Metal Film
OMF :
Oxide Metal Film
VR
:
Variable Resistor
FR
:
Fusible Resistor
(All CD and PF capacitors are ±5%, 50V and all resistors, ±5%, 1/6W unless otherwise noted.)
#1:[27WL55A]
#2:[27WL55E]
#3:[27WL55R]
#4:[27WL55T]
CAPACITORS
C101
76109103
CERAMIC CHIP, 50V B 0.01UF K
C102
76073041
ELECTROLYTIC, 16V 470UF M 3A
C103
76109102
CERAMIC CHIP, 50V B 1000PF K
C104
76073084
ELECTROLYTIC, 50V 4.7UF M 3A
C105
76073041
ELECTROLYTIC, 16V 470UF M 3A
C110
76109102
CERAMIC CHIP, 50V B 1000PF K
C111
76109102
CERAMIC CHIP, 50V B 1000PF K
C117
76109103
CERAMIC CHIP, 50V B 0.01UF K
C118
76109103
CERAMIC CHIP, 50V B 0.01UF K
C162
76105101
CERAMIC CHIP, 50V CH 100PF J
C164
76100103
CERAMIC CHIP, 50V F 0.01UF Z
C190
76092730
CERAMIC CHIP, 16V B 0.1UF K
C501
76092730
CERAMIC CHIP, 16V B 0.1UF K
C502
76092730
CERAMIC CHIP, 16V B 0.1UF K
C503
76794470
ELECTROLYTIC, 16V 47UF M
C504
76109103
CERAMIC CHIP, 50V B 0.01UF K
C505
76794470
ELECTROLYTIC, 16V 47UF M
C506
76109103
CERAMIC CHIP, 50V B 0.01UF K
C514
76763221
ELECTROLYTIC, 16V 220UF M
C516
76105110
CERAMIC CHIP, 50V CH 11PF J
C517
76206478
ELECTROLYTIC, 50V 0.47UF M 7L 3A
C519
76797479
ELECTROLYTIC, 50V 4.7UF M
C521
76092733
CERAMIC CHIP, 50V B 0.022UF K
C524
76109103
CERAMIC CHIP, 50V B 0.01UF K
C526
76109103
CERAMIC CHIP, 50V B 0.01UF K
C527
76797229
ELECTROLYTIC, 50V 2.2UF M
C660
76669479
ELECTROLYTIC, 50V 4.7UF M
C661
76669479
ELECTROLYTIC, 50V 4.7UF M
C662
76109681
CERAMIC CHIP, 50V B 680PF K
C663
76109681
CERAMIC CHIP, 50V B 680PF K
C668
76797100
ELECTROLYTIC, 50V 10UF M
C670
76669100
ELECTROLYTIC, 50V 10UF M
C671
76669100
ELECTROLYTIC, 50V 10UF M
C673
76667470
ELECTROLYTIC, 25V 47UF M 3A
C674
76669010
ELECTROLYTIC, 50V 1UF M 3A
C675
#1 76669220
ELECTROLYTIC, 50V 22UF M 3A
#2 76669220
ELECTROLYTIC, 50V 22UF M 3A
#3 76669339
ELECTROLYTIC, 50V 3.3UF M
#4 76669220
ELECTROLYTIC, 50V 22UF M 3A
C676
76797101
ELECTROLYTIC, 50V 100UF M
C678
76503041
PLASTIC FILM , 63V 0.1UF J
C679
76503041
PLASTIC FILM , 63V 0.1UF J
C680
76073072
ELECTROLYTIC, 35V 1000UF M 3A
C681
76073072
ELECTROLYTIC, 35V 1000UF M 3A
C682
76073072
ELECTROLYTIC, 35V 1000UF M 3A
C684
76109103
CERAMIC CHIP, 50V B 0.01UF K
C685
76109103
CERAMIC CHIP, 50V B 0.01UF K
C688
76109103
CERAMIC CHIP, 50V B 0.01UF K
C694
76109103
CERAMIC CHIP, 50V B 0.01UF K
C801
76503507
PLASTIC FILM, AC275V 0.22UF K
C802
76503507
PLASTIC FILM, AC275V 0.22UF K
C803
76503437
PLASTIC FILM CQ92 3D2J154J-A7
C804
76214103
CERAMIC DISC, 500V B 0.01UF K
C805
76092281
CERAMIC DISC, AC250V E 4700PF
C810
76125008
ELECTROLYTIC CE692R 450V 220UF M
C811
#1 76092569
CERAMIC DISC, AC250V E 2200PF M
#2 76092569
CERAMIC DISC, AC250V E 2200PF M
#3 76092567
CERAMIC DISC, AC250V E 1000PF M
#4 76092569
CERAMIC DISC, AC250V E 2200PF M
C812
#1 76092569
CERAMIC DISC, AC250V E 2200PF M
#2 76092569
CERAMIC DISC, AC250V E 2200PF M
#3 76092567
CERAMIC DISC, AC250V E 1000PF M
#4 76092569
CERAMIC DISC, AC250V E 2200PF M
C813
76503047
PLASTIC FILM, 63V 0.33UF J
C815
76503049
PLASTIC FILM, 63V 0.47UF J
C816
76073090
ELECTROLYTIC, 50V 100UF M 3A
C817
76567224
PLASTIC FILM, 50V 0.22UF J
C819
76214101
CERAMIC DISC, 500V B 100PF K
C820
76567224
PLASTIC FILM, 50V 0.22UF J
C821
76092343
CERAMIC DISC, 2KV 680PF K
C822
76092344
CERAMIC DISC, 2KV 820PF K
C823
76092341
CERAMIC DISC, 2KV R 470PF K
C824
76591102
PLASTIC FILM, 50V 1000PF J
C825
76503053
PLASTIC FILM, 63V 1UF J
C826
76092341
CERAMIC DISC, 2KV R 470PF K
C827
76678229
ELECTROLYTIC, 200V 2.2UF M 3A
C851
76092538
CERAMIC CHIP, 10V F 1UF Z
C852
76109102
CERAMIC CHIP, 50V B 1000PF K
C883
76073193
ELECTROLYTIC, 35V 2200UF M 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com