Electronic Components Datasheet Search
  English  ▼

X  

UFR601 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # UFR601
Description  6 AMP ULTRAFAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

UFR601 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  UFR601 Datasheet HTML 1Page - DIOTEC Electronics Corporation UFR601 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. SESA-600-1C
MECHANICAL SPECIFICATION
6 AMP ULTRAFAST RECOVERY DIODES
C15
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
RATINGS
UNITS
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
SERIES UFR600 - UFR608
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.048
In
mm
0.360
0.360
0.052
9.1
9.1
1.3
25.4
1.2
0.340
8.6
0.340
8.6
RoHS COMPLIANT


Similar Part No. - UFR601

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
UFR6000 EMERSON-NETWORKPOWER-UFR6000 Datasheet
1Mb / 6P
3 hot pluggable rectifiers per 1U chassis, up to 4 kW redundant or 6 kW available power
More results

Similar Description - UFR601

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RP600 DEC-RP600 Datasheet
422Kb / 2P
6 AMP FAST RECOVERY SILICON DIODES
UFR300 DEC-UFR300 Datasheet
437Kb / 2P
3 AMP ULTRAFAST RECOVERY DIODES
UFR3001C DEC-UFR3001C Datasheet
438Kb / 2P
30 AMP ULTRAFAST RECOVERY DIODES
UFR100 DEC-UFR100 Datasheet
410Kb / 2P
1 AMP ULTRAFAST RECOVERY DIODES
UFR400 DEC-UFR400 Datasheet
141Kb / 2P
4 AMP ULTRAFAST RECOVERY DIODES
SESA-101-1B DEC-SESA-101-1B Datasheet
413Kb / 1P
1 AMP ULTRAFAST RECOVERY DIODES
SESA-301-1B DEC-SESA-301-1B Datasheet
167Kb / 2P
3 AMP ULTRAFAST RECOVERY DIODES
logo
Kyocera Kinseki Corpota...
SESA-401-1C KSS-SESA-401-1C Datasheet
141Kb / 2P
4 AMP ULTRAFAST RECOVERY DIODES
logo
DIOTEC Electronics Corp...
SESA-600-1C DEC-SESA-600-1C Datasheet
415Kb / 2P
6 AMP ULTRAFAST RECOVERY DIODES
SEDR-3000-1B DEC-SEDR-3000-1B Datasheet
441Kb / 2P
30 AMP ULTRAFAST RECOVERY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com