Electronic Components Datasheet Search
  English  ▼

X  

A16A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # A16A
Description  SHROUDED HEADER IDC TYPE WITH STEEL SWIN-LOCK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

A16A Datasheet(HTML) 1 Page - DB Lectro Inc

  A16A Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.


Similar Part No. - A16A

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A16A NKK-A16A Datasheet
243Kb / 7P
Process Sealed Subminiature Toggles
logo
Anaren Microwave
A16A50X4 ANAREN-A16A50X4 Datasheet
338Kb / 2P
Chip Termination 16 Watts, 50廓
logo
Nihon Kaiheiki Industry...
A16AB NKK-A16AB Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
A16AB1 NKK-A16AB1 Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
A16AH NKK-A16AH Datasheet
259Kb / 7P
Process Sealed Subminiature Toggles
2-06
More results

Similar Description - A16A

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A16 DBLECTRO-A16 Datasheet
317Kb / 1P
SHROUDED HEADER IDC TYPE
logo
Dubilier
DBCIDCC5A26AGA1 DUBILIER-DBCIDCC5A26AGA1 Datasheet
83Kb / 1P
IDC SHROUDED LATCHED HEADER 2.00mm
DBCIDCC42A26BG1 DUBILIER-DBCIDCC42A26BG1 Datasheet
96Kb / 1P
IDC SHROUDED LATCHED HEADER 1.27mm
DBCIDCC110ASA1 DUBILIER-DBCIDCC110ASA1 Datasheet
87Kb / 1P
IDC SHROUDED LATCHED HEADER - STRAIGHT
logo
Samtec, Inc
STMM-120-02-S-D-SM-LC SAMTEC-STMM-120-02-S-D-SM-LC Datasheet
764Kb / 1P
SHROUDED IDC HEADER & STACKER
EHF-105-01-L-D-SM-K SAMTEC-EHF-105-01-L-D-SM-K Datasheet
796Kb / 1P
SHROUDED & EJECTOR IDC HEADER
ESHF-115-01-L-D-SM SAMTEC-ESHF-115-01-L-D-SM Datasheet
796Kb / 1P
SHROUDED & EJECTOR IDC HEADER
EHF-113-01-L-D SAMTEC-EHF-113-01-L-D Datasheet
426Kb / 1P
SHROUDED & EJECTOR IDC HEADER
EHT-113-01-S-D SAMTEC-EHT-113-01-S-D Datasheet
472Kb / 1P
SHROUDED IDC EJECTOR HEADER
EHT-1-10-01 SAMTEC-EHT-1-10-01 Datasheet
472Kb / 1P
SHROUDED IDC EJECTOR HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com