Electronic Components Datasheet Search
  English  ▼

X  

DGSS6-06CC Datasheet(PDF) 2 Page - IXYS Corporation

Part # DGSS6-06CC
Description  Gallium Arsenide Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DGSS6-06CC Datasheet(HTML) 2 Page - IXYS Corporation

  DGSS6-06CC Datasheet HTML 1Page - IXYS Corporation DGSS6-06CC Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2005 IXYS All rights reserved
2 - 2
DGSS 6-06CC
IXYS reserves the right to change limits, Conditions and dimensions.
Component
Symbol
Conditions
Maximum Ratings
I
RMS
per pin
45
A
T
VJ
-55...+175
°C
T
stg
-55...+150
°C
V
ISOL
I
ISOL < 1 mA; 50/60 Hz
2500
V~
F
C
mounting force with clip
10...50
N
Symbol
Conditions
Characteristic Values
min.
typ.
max.
C
p
coupling capacity between shorted
15
pF
pins and mounting tab in the case
R
thCS
0.3
K/W
Weight
2g



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com